Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSA-0870 Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

MSA-0870 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce MSA-0870
Télécharger  MSA-0870 Télécharger

Taille du fichier   163.58 Kbytes
Page   4 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA-0870 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MSA-0870 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce MSA-0870
Télécharger  MSA-0870 Click to download

Taille du fichier   163.58 Kbytes
Page   4 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA-0870 Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

MSA-0870 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MSA-0870 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MSA-0870 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MSA-0870 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED

MSA-0870 Détails du produit

Description
The MSA-0870 is a high performance silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) housed in a hermetic, high reliability package. This MMIC is designed for use as a general purpose 50Ω gain block above 0.5 GHz and can be used as a high gain transistor below this frequency. Typical applications include narrow and moderate band IF and RF amplifiers in industrial and military applications.
The MSA-series is fabricated using Avago’s 10 GHz f,T 25 GHz fMAX, silicon bipolar MMIC process which uses nitride self-alignment, ion implantation, and gold metallization to achieve excellent performance, uniformity and reliability. The use of an external bias resistor for temperature and current stability also allows bias flexibility.

Features
• Usable Gain to 6.0 GHz
• High Gain:
   32.5 dB Typical at 0.1 GHz
   23.5 dB Typical at 1.0 GHz
• Low Noise Figure: 3.0 dB Typical at 1.0 GHz
• Hermetic Gold-ceramic Microstrip Package




Numéro de pièce similaire - MSA-0870

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
MSA-0870 HP-MSA-0870 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Description similaire - MSA-0870

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1120 HP-MSA-1120 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com