Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HFBR-0541Z Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

HFBR-0541Z Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce HFBR-0541Z
Télécharger  HFBR-0541Z Télécharger

Taille du fichier   181.66 Kbytes
Page   2 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description HFBR-1506AMZ and HFBR-2506AMZ unit

HFBR-0541Z Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HFBR-0541Z Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce HFBR-0541Z
Télécharger  HFBR-0541Z Click to download

Taille du fichier   181.66 Kbytes
Page   2 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description HFBR-1506AMZ and HFBR-2506AMZ unit

HFBR-0541Z Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

HFBR-0541Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-0541Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED

HFBR-0541Z Détails du produit

Description
SERCOS
SERCOS, an acronym for SErial Realtime COmmunications System, is a standard digital interface for communication in industrial CNC applications. SERCOS is a European (EN 61491) and international standard (IEC 61491). The optical interface allows data rates of 2, 4, 8, and 16 MBd and data transfer between numerical controls and drives via fberoptic rings, with voltage isolation and noise immunity. The HFBR-1505AZ and HFBR-2505AZ products comply with SERCOS specifcations for optical characteristics and connector style, and have guaranteed performance up to 10 MBd. (Typically the 16 MBd required by SERCOS is possible as well but please contact Avago regarding the plan for the 16 MBd device.)

Features
• Meets industrial SERCOS, PROFIBUS, and INTERBUS-S standard
• SMA and ST® ports
• 650 nm wavelength technology
• Specifed for use with 1 mm plastic optical fber and 200 μm hard clad silica
• Auto-insertable and wave solderable
• DC – 10 MBd data rate
• RoHS-compliant

Applications
• Industrial control data links
• Factory automation data links
• Voltage isolation applications
• PLCs
• Motor drives
• Sensor, meter and actuator interfaces




Numéro de pièce similaire - HFBR-0541Z

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
More results


Description similaire - HFBR-0541Z

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0543Z AVAGO-HFBR-0543Z Datasheet
167Kb / 2P
   HFBR-3810Z and HFBR-3810MSZ datasheet
logo
Agilent(Hewlett-Packard...
HFBR-7924 HP-HFBR-7924 Datasheet
440Kb / 19P
   Agilent HFBR-7924 and HFBR-7924E/H/EH Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Agilent METRAK family
logo
Broadcom Corporation.
AFBR-0549Z BOARDCOM-AFBR-0549Z Datasheet
145Kb / 1P
   Evaluation Kits for the HFBR-1414PTZ Fiber Optic Transmitter and the AFBR-2418TZ/AFBR-2419TZ Fiber Optic Receivers
logo
Agilent(Hewlett-Packard...
HFBR-59L1AL HP-HFBR-59L1AL Datasheet
328Kb / 16P
   Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFBR-5805 HP-HFBR-5805 Datasheet
251Kb / 14P
   HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
logo
M/A-COM Technology Solu...
28953-SWG-001-A MA-COM-28953-SWG-001-A Datasheet
1Mb / 183P
   Application and Channel Unit Software
28953-SWG-001-A MA-COM-28953-SWG-001-A_15 Datasheet
1Mb / 183P
   Application and Channel Unit Software
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
   Power AND Lighting Management Unit
logo
Panasonic Semiconductor
BR2477AVA PANASONIC-BR2477AVA Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com