Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F211BF104M050C Fiches technique (PDF) - Kemet Corporation

F211BF104M050C Datasheet PDF - Kemet Corporation
No de pièce F211BF104M050C
Télécharger  F211BF104M050C Télécharger

Taille du fichier   1610.38 Kbytes
Page   25 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC

F211BF104M050C Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
F211BF104M050C Datasheet PDF - Kemet Corporation

No de pièce F211BF104M050C
Télécharger  F211BF104M050C Click to download

Taille du fichier   1610.38 Kbytes
Page   25 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC

F211BF104M050C Fiches technique (HTML) - Kemet Corporation

Back Button F211BF104M050C Datasheet HTML 1Page - Kemet Corporation F211BF104M050C Datasheet HTML 2Page - Kemet Corporation F211BF104M050C Datasheet HTML 3Page - Kemet Corporation F211BF104M050C Datasheet HTML 4Page - Kemet Corporation F211BF104M050C Datasheet HTML 5Page - Kemet Corporation F211BF104M050C Datasheet HTML 6Page - Kemet Corporation F211BF104M050C Datasheet HTML 7Page - Kemet Corporation F211BF104M050C Datasheet HTML 8Page - Kemet Corporation F211BF104M050C Datasheet HTML 9Page - Kemet Corporation F211BF104M050C Datasheet HTML 10Page - Kemet Corporation Next Button 

F211BF104M050C Détails du produit

Polyphenylene sulphide film capacitor with vacuum-evaporated aluminum electrodes. Radial leads of tinned wire are electrically welded to the contact metal layer on the ends of the capacitor winding. Encapsulation in self-extinguishing material meeting the requirements of UL 94V-0.



• Metallized polyphenylene sulfide

• Stable +150 °C high temperature capacitor




Numéro de pièce similaire - F211BF104M050C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
F21 ETC2-F21 Datasheet
90Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
   Underwriters Laboratory
logo
DIYI Electronic Technol...
F21 DYELEC-F21 Datasheet
2Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microchip Technology
F21 MICROCHIP-F21 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Fox Electronics
F210 FOX-F210 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
More results


Description similaire - F211BF104M050C

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com