Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMR15104K50J01L4BULK Fiches technique (PDF) - Kemet Corporation

SMR15104K50J01L4BULK Datasheet PDF - Kemet Corporation
No de pièce SMR15104K50J01L4BULK
Télécharger  SMR15104K50J01L4BULK Télécharger

Taille du fichier   1610.38 Kbytes
Page   25 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC

SMR15104K50J01L4BULK Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SMR15104K50J01L4BULK Datasheet PDF - Kemet Corporation

No de pièce SMR15104K50J01L4BULK
Télécharger  SMR15104K50J01L4BULK Click to download

Taille du fichier   1610.38 Kbytes
Page   25 Pages
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC

SMR15104K50J01L4BULK Fiches technique (HTML) - Kemet Corporation

Back Button SMR15104K50J01L4BULK Datasheet HTML 1Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 2Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 3Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 4Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 5Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 6Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 7Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 8Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 9Page - Kemet Corporation SMR15104K50J01L4BULK Datasheet HTML 10Page - Kemet Corporation Next Button 

SMR15104K50J01L4BULK Détails du produit

Polyphenylene sulphide film capacitor with vacuum-evaporated aluminum electrodes. Radial leads of tinned wire are electrically welded to the contact metal layer on the ends of the capacitor winding. Encapsulation in self-extinguishing material meeting the requirements of UL 94V-0.



• Metallized polyphenylene sulfide

• Stable +150 °C high temperature capacitor




Numéro de pièce similaire - SMR15104K50J01L4BULK

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
SMR15104J400B10L16.5CBULK KEMET-SMR15104J400B10L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 400 V, 125C, Lead Spacing = 15mm
More results


Description similaire - SMR15104K50J01L4BULK

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com