Fabricant | No de pièce | Fiches technique | Description |
MTRONPTI |
M251X
|
127Kb / 3P |
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
|
M251063TCN
|
124Kb / 3P |
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
|
M2400
|
1Mb / 3P |
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
|
M250X
|
126Kb / 3P |
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
|
M2403
|
1Mb / 3P |
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
|
M2406
|
1Mb / 3P |
SPECIFICATION FOR 5.0 x 7.0 mm SMT CRYSTAL OSCILLATOR
|
TAI-SAW TECHNOLOGY CO.,... |
TW0464A
|
142Kb / 8P |
Crystal Oscillator SMD 2.5x2.0 3.5795MHz
REV. NO: 1.0 |
TW0248A
|
129Kb / 8P |
SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0 |
TW0299C
|
172Kb / 9P |
Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0 |
TW0451A
|
131Kb / 8P |
SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2 |