Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145402 Fiches technique (PDF) - Motorola, Inc

MC145402 Datasheet PDF - Motorola, Inc
No de pièce MC145402
Télécharger  MC145402 Télécharger

Taille du fichier   137.04 Kbytes
Page   16 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Serial 13-Bit Linear Codec

MC145402 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC145402 Datasheet PDF - Motorola, Inc

No de pièce MC145402
Télécharger  MC145402 Click to download

Taille du fichier   137.04 Kbytes
Page   16 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Serial 13-Bit Linear Codec

MC145402 Fiches technique (HTML) - Motorola, Inc

Back Button MC145402 Datasheet HTML 1Page - Motorola, Inc MC145402 Datasheet HTML 2Page - Motorola, Inc MC145402 Datasheet HTML 3Page - Motorola, Inc MC145402 Datasheet HTML 4Page - Motorola, Inc MC145402 Datasheet HTML 5Page - Motorola, Inc MC145402 Datasheet HTML 6Page - Motorola, Inc MC145402 Datasheet HTML 7Page - Motorola, Inc MC145402 Datasheet HTML 8Page - Motorola, Inc MC145402 Datasheet HTML 9Page - Motorola, Inc MC145402 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145402 Détails du produit

Serial 13-Bit Linear Codec (A/D and D/A)

The MC145402 is a 13–bit linear monotonic digital–to–analog and analog–to–digital converter implemented in a single silicon–gate CMOS IC. Potential applications include analog interface for Digital Signal Processor (DSP) applications, high speed modems, telephone systems, SONAR, Adaptive Differential Pulse Code Modulation (ADPCM) converters, echo cancellers, repeaters, voice synthesizers, and music synthesizers.

• 60 dB Signal–to–(Noise Plus Distortion) Ratio Typical
• On–Chip Precision Voltage Reference
• Serial Data Ports
• Two’s Complement Coding
• ± 5 V Supply Operation
• Sample Rates from 100 Hz to 16 kHz (Both A/D and D/A), 100 Hz to 21.3 kHz (A/D Only), and 100 Hz to 64 kHz (D/A Only)
• Input Sample and Hold Provided On–Chip
• 5 V CMOS Inputs; Outputs Capable of Driving Two LSTTL Loads
• Available in a 16–Pin DIP
• Low Power Consumption: 50 mW Typical, 1 mW Power–Down




Numéro de pièce similaire - MC145402

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145403 MOTOROLA-MC145403 Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403-6P LANSDALE-MC145403-6P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403DW MOTOROLA-MC145403DW Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403DW LANSDALE-MC145403DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403P MOTOROLA-MC145403P Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results


Description similaire - MC145402

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
ams AG
AS3502 AMSCO-AS3502 Datasheet
364Kb / 29P
   13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
More results




À propos de Motorola, Inc


Motorola, Inc. était une société américaine de télécommunications multinationales fondée en 1928. Elle était basée à Schaumburg, Illinois et était l'un des plus grands fournisseurs de téléphones portables, d'équipement de télécommunication et de semi-conducteurs. Tout au long de son histoire, Motorola était connue pour son innovation dans le domaine des télécommunications, notamment le développement du premier téléphone cellulaire disponible dans le monde, le Dynatac, et le premier pager à double sens au monde, le Pageboy.

En 2011, Motorola s'est divisée en deux sociétés distinctes: Motorola Mobility et Motorola Solutions. Motorola Mobility a ensuite été acquise par Google en 2012 et est maintenant une filiale de Lenovo. Motorola Solutions se concentre sur les solutions de sécurité publique et de communication commerciale et industrielle. La société propose une large gamme de produits, notamment des radios bidirectionnelles, des appareils informatiques mobiles et des équipements d'infrastructure réseau.

Motorola était l'un des pionniers de l'industrie du téléphone portable et a une riche histoire d'innovation et de progrès technologiques. L'héritage de l'entreprise se poursuit par le biais de ses filiales et sa technologie et ses produits continuent d'être utilisés dans le monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com