Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CJA1117-ADJ Fiches technique (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

CJA1117-ADJ Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
No de pièce CJA1117-ADJ
Télécharger  CJA1117-ADJ Télécharger

Taille du fichier   313.11 Kbytes
Page   8 Pages
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description 1A LOW DROPOUT LINEAR REGULATOR

CJA1117-ADJ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CJA1117-ADJ Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce CJA1117-ADJ
Télécharger  CJA1117-ADJ Click to download

Taille du fichier   313.11 Kbytes
Page   8 Pages
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description 1A LOW DROPOUT LINEAR REGULATOR

CJA1117-ADJ Fiches technique (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

CJA1117-ADJ Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-ADJ Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-ADJ Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-ADJ Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-ADJ Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-ADJ Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-ADJ Datasheet HTML 7Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJA1117-ADJ Datasheet HTML 8Page - Jiangsu Changjiang Electronics Technology Co., Ltd

CJA1117-ADJ Détails du produit

GENERAL DESCRIPTION

The CJ1117 is a series of low dropout three-terminal regulators with a dropout of 1.15V at 1A output current.



FEATURES

•  Low Dropout Voltage: 1.15V at 1A Output Current

•  Trimmed Current Limit

•  On-Chip Thermal Shutdown

•  Three-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5V

•  Operation junction Temperature: 0 ℃to125℃



APPLICATIONS

•  PC Motherboard 

•  LCD Monitor 

•  Graphic Card 

•  DVD-Video player 

•  NIC/Switch

•  Telecom Modem 

•  ADSL Modem

•  Printer and other peripheral Equipment     




Numéro de pièce similaire - CJA1117-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
ZP Semiconductor
CJA1117-ADJ ZPSEMI-CJA1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJA1117-ADJ ZPSEMI-CJA1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJA1117-ADJ ZPSEMI-CJA1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJA1117-ADJ ZPSEMI-CJA1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJA1117-ADJ ZPSEMI-CJA1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Description similaire - CJA1117-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com