Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FI-NX Fiches technique (PDF) - Japan Aviation Electronics Industry, Ltd.

FI-NX Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
No de pièce FI-NX
Télécharger  FI-NX Télécharger

Taille du fichier   1035.08 Kbytes
Page   10 Pages
Fabricant  JAE [Japan Aviation Electronics Industry, Ltd.]
Site Internet  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description Board-to-Cable Connector for High-Speed Differential Transmission

FI-NX Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FI-NX Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

No de pièce FI-NX
Télécharger  FI-NX Click to download

Taille du fichier   1035.08 Kbytes
Page   10 Pages
Fabricant  JAE [Japan Aviation Electronics Industry, Ltd.]
Site Internet  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description Board-to-Cable Connector for High-Speed Differential Transmission

FI-NX Fiches technique (HTML) - Japan Aviation Electronics Industry, Ltd.

FI-NX Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-NX Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd.

FI-NX Détails du produit

Board-to-Cable Connector for High-Speed Differential Transmission

The FI-NX Series is a board-to-cable LCD interface connector designed for high-speed differential transmission. A discrete wire (twisted pair) plug with crimp contacts has been added to the existing product line-up.

Features
■ 0.8mm contact pitch, 40pos. connecter for LVDS transmission, compatible with the VESA 8-bit color LCD standard.
■ LCD (LED back light) interface for notebook PC, cable plug available in solder type for fine coaxial wire, or crimp type for discrete wire.
■  Superb impedance matching suitable for high-speed differential transmission.
■ Low profile, 1.0mm mating height of board-side receptacle (standard bottom mount type).
■ Metal shell provides superb shielding. Hold downs on the receptacle serve a dual purpose to reinforce board retention, and also act as ground contacts. When the connector is mated, the plug and receptacle shells connect to allow the plug shell to be grounded.
■ Receptacle incorporates a ground plate that is connected to the board through ground terminals located at both ends of the connection area.
■ Ni barrier layer is included as a solder diffusion countermeasure for receptacle contacts.
■ Mechanical lock included to withstand vibration and shock.
■ Mating side of plug has a guide that adjusts misalignments to ensure easy and secure mating.
■ Pb-free product.




Numéro de pièce similaire - FI-NX

FabricantNo de pièceFiches techniqueDescription
logo
Japan Aviation Electron...
FI-NX40CL JAE-FI-NX40CL Datasheet
167Kb / 1P
   WIRE SIDE SOLDERING TYPE
FI-NX40HL JAE-FI-NX40HL Datasheet
131Kb / 1P
   FI-NX40HL (WIRE SIDE ORIMP TYPE)
logo
AU Optronics Corp.,
FI-NX40HL AUO-FI-NX40HL Datasheet
2Mb / 39P
   27inch Color TFT-LCD
logo
Japan Aviation Electron...
FI-NXB40SL-HF10 JAE-FI-NXB40SL-HF10 Datasheet
129Kb / 1P
   PCB SIDE, CONTACT COPPER ALLOY
FI-NXC3-1-15000 JAE-FI-NXC3-1-15000 Datasheet
115Kb / 1P
   MAGAZINE ASSEMBLY
More results


Description similaire - FI-NX

FabricantNo de pièceFiches techniqueDescription
logo
Japan Aviation Electron...
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
logo
List of Unclassifed Man...
HD1S040HA1R6000 ETC2-HD1S040HA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
MX48 JAE-MX48 Datasheet
132Kb / 4P
   Automotive High-speed Differential Transmission
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com