Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G2P109NY-LF Fiches technique (PDF) - Bothhand USA, LP.

G2P109NY-LF Datasheet PDF - Bothhand USA, LP.
No de pièce G2P109NY-LF
Télécharger  G2P109NY-LF Télécharger

Taille du fichier   313.11 Kbytes
Page   2 Pages
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.
Description POE applications with 600mA current capability

G2P109NY-LF Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
G2P109NY-LF Datasheet PDF - Bothhand USA, LP.

No de pièce G2P109NY-LF
Télécharger  G2P109NY-LF Click to download

Taille du fichier   313.11 Kbytes
Page   2 Pages
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.
Description POE applications with 600mA current capability

G2P109NY-LF Fiches technique (HTML) - Bothhand USA, LP.

G2P109NY-LF Datasheet HTML 1Page - Bothhand USA, LP. G2P109NY-LF Datasheet HTML 2Page - Bothhand USA, LP.



Numéro de pièce similaire - G2P109NY-LF

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
G2P109N-C-LF BOTHHAND-G2P109N-C-LF Datasheet
262Kb / 2P
   Supports 8 pairs of category 5 UTP cable
G2P109NLF BOTHHAND-G2P109NLF Datasheet
86Kb / 2P
   1000 BASE -T DUAL PORT MAGNETICS MODULES
More results


Description similaire - G2P109NY-LF

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
LGP5409-LF BOTHHAND-LGP5409-LF Datasheet
98Kb / 2P
   POE applications with 350mA current capability
PG4P809RANY-LF BOTHHAND-PG4P809RANY-LF Datasheet
746Kb / 2P
   POE applications with 720mA current capability
VP6014RM-HF BOTHHAND-VP6014RM-HF Datasheet
246Kb / 2P
   Suitable for End-span POE applications with 720mA current capability.
GP5609S-2-LF BOTHHAND-GP5609S-2-LF Datasheet
353Kb / 2P
   Suitable for End-span POE applications with 700mA current capability
VP6019R-HF BOTHHAND-VP6019R-HF Datasheet
125Kb / 2P
   Suitable for End-span POE applications with 700mA current capability.
VP6015M-LF BOTHHAND-VP6015M-LF Datasheet
126Kb / 2P
   Suitable for End-span POE applications with 720mA current capability
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com