Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C450TR5050-S18000 Fiches technique (PDF) - Cree, Inc

C450TR5050-S18000 Datasheet PDF - Cree, Inc
No de pièce C450TR5050-S18000_16
Télécharger  C450TR5050-S18000 Télécharger

Taille du fichier   550.77 Kbytes
Page   5 Pages
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc
Description Low Forward Voltage - 3.3 V Typical at 120 mA

C450TR5050-S18000 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
C450TR5050-S18000 Datasheet PDF - Cree, Inc

No de pièce C450TR5050-S18000_16
Télécharger  C450TR5050-S18000 Click to download

Taille du fichier   550.77 Kbytes
Page   5 Pages
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc
Description Low Forward Voltage - 3.3 V Typical at 120 mA

C450TR5050-S18000 Fiches technique (HTML) - Cree, Inc

C450TR5050-S18000_16 Datasheet HTML 1Page - Cree, Inc C450TR5050-S18000_16 Datasheet HTML 2Page - Cree, Inc C450TR5050-S18000_16 Datasheet HTML 3Page - Cree, Inc C450TR5050-S18000_16 Datasheet HTML 4Page - Cree, Inc C450TR5050-S18000_16 Datasheet HTML 5Page - Cree, Inc



Numéro de pièce similaire - C450TR5050-S18000_16

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
C450TR5050-S18000 CREE-C450TR5050-S18000 Datasheet
519Kb / 5P
   Adhesive Die Attach Low Forward Voltage 3.3 V Typical at 120 mA
logo
Marktech Corporate
C450TR5050-S18000 MARKTECH-C450TR5050-S18000 Datasheet
519Kb / 5P
   TR5050 LEDs
More results


Description similaire - C450TR5050-S18000_16

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR5050-S18000 CREE-C450TR5050-S18000 Datasheet
519Kb / 5P
   Adhesive Die Attach Low Forward Voltage 3.3 V Typical at 120 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
C450UT190-S1200-31 CREE-C450UT190-S1200-31_16 Datasheet
283Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460RT230-S0100 CREE-C460RT230-S0100_16 Datasheet
242Kb / 4P
   Low Forward Voltage 2.9 V Typical at 5 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3050-S3600 CREE-C450TR3050-S3600 Datasheet
298Kb / 5P
   Low Forward Voltage - 2.95 V Typical at 20 mA
More results




À propos de Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com