Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBJ25005 Fiches technique (PDF) - Shanghai Shunye Electronics Co.,Ltd.

GBJ25005 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
No de pièce GBJ25005
Télécharger  GBJ25005 Télécharger

Taille du fichier   96.17 Kbytes
Page   2 Pages
Fabricant  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 25A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ25005 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GBJ25005 Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

No de pièce GBJ25005
Télécharger  GBJ25005 Click to download

Taille du fichier   96.17 Kbytes
Page   2 Pages
Fabricant  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description 25A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ25005 Fiches technique (HTML) - Shanghai Shunye Electronics Co.,Ltd.

GBJ25005 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. GBJ25005 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.

GBJ25005 Détails du produit

Features
● Glass Passivated Die Construction
● High Case Dielectric Strength of 1500VRMS
● Low Reverse Leakage Current
● Surge Overload Rating to 350A Peak
● Ideal for Printed Circuit Board Applications
● Plastic Material - UL Flammability
   Classification 94V-0
● UL Listed Under Recognized Component
   Index, File Number E94661




Numéro de pièce similaire - GBJ25005

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005 Datasheet
197Kb / 2P
   25Amp Glass Passivated Bridge Rectifiers
logo
Weitron Technology
GBJ25005 WEITRON-GBJ25005 Datasheet
802Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
GBJ25005 YFWDIODE-GBJ25005 Datasheet
477Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
GBJ25005 MCC-GBJ25005 Datasheet
88Kb / 2P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Description similaire - GBJ25005

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Shunye Electro...
RS2505M SHUNYE-RS2505M Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC25005 DIODES-GBPC25005_1 Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
logo
Shanghai Shunye Electro...
RS2501M SY-RS2501M Datasheet
162Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D25SB05 ZSELEC-D25SB05 Datasheet
98Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBU2506L LUGUANG-GBU2506L Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
GBPC25005 DIODES-GBPC25005 Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
Zibo Seno Electronic En...
GBJ25A ZSELEC-GBJ25A Datasheet
70Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com