Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KLM-128CA-16B Fiches technique (PDF) - KODENSHI_AUK CORP.

KLM-128CA-16B Datasheet PDF - KODENSHI_AUK CORP.
No de pièce KLM-128CA-16B
Télécharger  KLM-128CA-16B Télécharger

Taille du fichier   194.82 Kbytes
Page   2 Pages
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description LED Dot Matrix(module designed for light emitting display device)

KLM-128CA-16B Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
KLM-128CA-16B Datasheet PDF - KODENSHI_AUK CORP.

No de pièce KLM-128CA-16B
Télécharger  KLM-128CA-16B Click to download

Taille du fichier   194.82 Kbytes
Page   2 Pages
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description LED Dot Matrix(module designed for light emitting display device)

KLM-128CA-16B Fiches technique (HTML) - KODENSHI_AUK CORP.

KLM-128CA-16B Datasheet HTML 1Page - KODENSHI_AUK CORP. KLM-128CA-16B Datasheet HTML 2Page - KODENSHI_AUK CORP.

KLM-128CA-16B Détails du produit

This module designed for light emitting display device. Organize with 16×32 matrix combination with 512 of DUAL(Red, Green)Chip LEDs, for indoor use.



FEATURES

•Active display size : 128mm×2 5 6 m m

•Dot size : ø6.5

•Dot pitch : 8mm

•Display color : RED, GREEN, AMBER(Mixed color)

•Duty rate : 1/16

•Dot matrix : 512(16×1 6 )

•Weight : 130g(Typ.)




Numéro de pièce similaire - KLM-128CA-16B

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KLM-128CA-16A KODENSHI-KLM-128CA-16A Datasheet
78Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
More results


Description similaire - KLM-128CA-16B

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KLM-040MA-16B KODENSHI-KLM-040MA-16B Datasheet
145Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128CA-16A KODENSHI-KLM-128CA-16A Datasheet
78Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128MA-16A KODENSHI-KLM-128MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16B KODENSHI-KLM-096CA-16B Datasheet
171Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096MA-16A KODENSHI-KLM-096MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128LA-16A KODENSHI-KLM-128LA-16A Datasheet
157Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-064MA-16B KODENSHI-KLM-064MA-16B Datasheet
151Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-064MA-16A KODENSHI-KLM-064MA-16A Datasheet
150Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096LA-16A KODENSHI-KLM-096LA-16A Datasheet
166Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16A KODENSHI-KLM-096CA-16A Datasheet
163Kb / 2P
   LED Dot Matrix(This module designed for light emitting display device)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com