Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X4005S8IZ-27 Fiches technique (PDF) - Intersil Corporation

X4005S8IZ-27 Datasheet PDF - Intersil Corporation
No de pièce X4005S8IZ-27
Télécharger  X4005S8IZ-27 Télécharger

Taille du fichier   332.8 Kbytes
Page   16 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor

X4005S8IZ-27 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
X4005S8IZ-27 Datasheet PDF - Intersil Corporation

No de pièce X4005S8IZ-27
Télécharger  X4005S8IZ-27 Click to download

Taille du fichier   332.8 Kbytes
Page   16 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor

X4005S8IZ-27 Fiches technique (HTML) - Intersil Corporation

Back Button X4005S8IZ-27 Datasheet HTML 1Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 2Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 3Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 4Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 5Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 6Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 7Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 8Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 9Page - Intersil Corporation X4005S8IZ-27 Datasheet HTML 10Page - Intersil Corporation Next Button 

X4005S8IZ-27 Détails du produit

These devices combine three popular functions; Power-on
Reset Control, Watchdog Timer and Supply Voltage
Supervision. This combination lowers system cost, reduces
board space requirements and increases reliability.
Applying power to the device activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and oscillator to stabilize
before the processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller
fails to restart a timer within a selectable time out interval,
the device activates the RESET/RESET signal. The user
selects the interval from three preset values. Once selected,
the interval does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the user’s
system from low voltage conditions, resetting the system
when VCC falls below the minimum VCC trip point.
RESET/RESET is asserted until VCC returns to proper
operating level and stabilizes. Five industry standard VTRIP
thresholds are available; however, Intersil’s unique circuits
allow the threshold to be reprogrammed to meet custom
requirements, or to fine-tune the threshold for applications
requiring higher precision.

Features
• Selectable watchdog timer
- Select 200ms, 600ms, 1.4s, off
• Low VCC detection and reset assertion
- Five standard reset threshold voltages nominal 4.62V,
4.38V, 2.92V, 2.68V, 1.75V
- Adjust low VCC reset threshold voltage using special
programming sequence
- Reset signal valid to VCC = 1V
• Low power CMOS
- 12µA typical standby current, watchdog on
- 800nA typical standby current watchdog off
- 3mA active current
• 400kHz I2C interface
• 1.8V to 5.5V power supply operation
• Available packages
- 8 Ld SOIC
- 8 Ld MSOP
• Pb-free available (RoHS compliant)




Numéro de pièce similaire - X4005S8IZ-27

FabricantNo de pièceFiches techniqueDescription
logo
Xicor Inc.
X4005S8I XICOR-X4005S8I Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8I INTERSIL-X4005S8I Datasheet
266Kb / 17P
   CPU Supervisor
logo
Xicor Inc.
X4005S8I-2.7 XICOR-X4005S8I-2.7 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8I-2.7 INTERSIL-X4005S8I-2.7 Datasheet
266Kb / 17P
   CPU Supervisor
logo
Xicor Inc.
X4005S8I-2.7A XICOR-X4005S8I-2.7A Datasheet
378Kb / 18P
   CPU Supervisor
More results


Description similaire - X4005S8IZ-27

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com