Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-622A-E Fiches technique (PDF) - ON Semiconductor

STK672-622A-E Datasheet PDF - ON Semiconductor
No de pièce STK672-622A-E
Télécharger  STK672-622A-E Télécharger

Taille du fichier   222.36 Kbytes
Page   23 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-phase Stepping Motor Driver

STK672-622A-E Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STK672-622A-E Datasheet PDF - ON Semiconductor

No de pièce STK672-622A-E
Télécharger  STK672-622A-E Click to download

Taille du fichier   222.36 Kbytes
Page   23 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-phase Stepping Motor Driver

STK672-622A-E Fiches technique (HTML) - ON Semiconductor

Back Button STK672-622A-E Datasheet HTML 1Page - ON Semiconductor STK672-622A-E Datasheet HTML 2Page - ON Semiconductor STK672-622A-E Datasheet HTML 3Page - ON Semiconductor STK672-622A-E Datasheet HTML 4Page - ON Semiconductor STK672-622A-E Datasheet HTML 5Page - ON Semiconductor STK672-622A-E Datasheet HTML 6Page - ON Semiconductor STK672-622A-E Datasheet HTML 7Page - ON Semiconductor STK672-622A-E Datasheet HTML 8Page - ON Semiconductor STK672-622A-E Datasheet HTML 9Page - ON Semiconductor STK672-622A-E Datasheet HTML 10Page - ON Semiconductor Next Button 

STK672-622A-E Détails du produit

Overview
The STK672-622A-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.

Features
• Built-in overcurrent detection function (output current OFF).
• Built-in overheat detection function (output current OFF).
• If either over-current or overheat detection function is activated, the FAULT1 signal (active low) is output. The FAULT2 signal is used to output the result of activation of protection circuit detection at 2 levels.
• Built-in power on reset function.
• The motor speed is controlled by the frequency of an external clock signal.
• 2 phase or 1-2 phase excitation switching function.
• Using either or both edges of the clock signal switching function.
• Phase is maintained even when the excitation mode is switched.
• Rotational direction switching function.
• Supports schmitt input for 2.5V high level input.
• Incorporating a current detection resistor (0.222Ω: resistor tolerance ±2%), motor current can be set using two external resistors.
• The ENABLE pin can be used to cut output current while maintaining the excitation mode.
• With a wide current setting range, power consumption can be reduced during standby.
• No motor sound is generated during hold mode due to external excitation current control.

Applications
• Office photocopiers, printers, etc.




Numéro de pièce similaire - STK672-622A-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-622A-E SANYO-STK672-622A-E Datasheet
224Kb / 23P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Description similaire - STK672-622A-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com