Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK673-010-E Fiches technique (PDF) - ON Semiconductor

STK673-010-E Datasheet PDF - ON Semiconductor
No de pièce STK673-010-E
Télécharger  STK673-010-E Télécharger

Taille du fichier   117.2 Kbytes
Page   15 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Phase Stepping Motor Driver

STK673-010-E Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STK673-010-E Datasheet PDF - ON Semiconductor

No de pièce STK673-010-E
Télécharger  STK673-010-E Click to download

Taille du fichier   117.2 Kbytes
Page   15 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Phase Stepping Motor Driver

STK673-010-E Fiches technique (HTML) - ON Semiconductor

Back Button STK673-010-E Datasheet HTML 1Page - ON Semiconductor STK673-010-E Datasheet HTML 2Page - ON Semiconductor STK673-010-E Datasheet HTML 3Page - ON Semiconductor STK673-010-E Datasheet HTML 4Page - ON Semiconductor STK673-010-E Datasheet HTML 5Page - ON Semiconductor STK673-010-E Datasheet HTML 6Page - ON Semiconductor STK673-010-E Datasheet HTML 7Page - ON Semiconductor STK673-010-E Datasheet HTML 8Page - ON Semiconductor STK673-010-E Datasheet HTML 9Page - ON Semiconductor STK673-010-E Datasheet HTML 10Page - ON Semiconductor Next Button 

STK673-010-E Détails du produit

Overview
The STK673-010-E is a 3-phase stepping motor driver hybrid IC with built-in microstep controller having a bipolar constant current PWM system, in which a power MOSFET is employed at an output stage. It includes a 3-phase distributed controller for a 3-phase stepping motor to realize a simple configuration of the motor driver circuit.
The number of motor revolution can be controlled by the frequency of external clock input. 2, 2-3, W2-3 and 2W2-3-phase excitation modes are available. The basic step angle of the stepping motor can be separated as much as one-eighth 2-3-phase to 2W2-3-phase excitation mode control quasi-sine wave current, thereby realizing low vibration and low noise.

Features
• Number of motor revolution can be controlled by the frequency of external clock input.
• 4 types of modes, i.e., 2, 2-3, W2-3 and 2W2-3-phase excitations, are available which can be selected based on rising of clock signals, by switching Highs and Lows of Mode A and Mode B terminals.
• Setting a Mode C terminal Low allows an excitation mode that is based on rising and falling of a clock signal. By setting the Mode C terminal Low, phases that are set only by Mode A and Mode B can be changed to other phases as follows without changing the number of motor revolution: 2-phase may be switched to 2-3-phase; 2-3-phase may be switched to W2-3-phase; and W2-3-phase may be switched to 2W2-3-phase.
• Phase is maintained even when the excitation mode is changed.
• An MOI output terminal which outputs 1 pulse per 1 cycle of phase current.
• A CW/CCW terminal which switches the rotational direction.
• A Hold terminal which temporarily holds the motor in a state where the phase current is conducted.
• An Enable terminal which can forcibly turns OFF a MOSFET of a 6 output driving element in normal operation.
• Schmitt inputs with built-in pull-up resistor (20kΩ typ)
• Motor current can be set by changing the voltage of the Vref terminal (0.63V per 1A, dealing as much as 0 to 1/2VCC2 (4A)).
• The clock input for controlling the number of motor revolution lies in a range of 0 to 50kHz.
• Supply voltage: VCC1 = 16 to 30V, VCC2 = 5.0V ±5%
• A built-in current detection resistor (0.227Ω)
• A motor current during revolution can deal with as high as 2.4A at Tc = 105°C and as high as 4A at Tc = 50°C or lower.

Applications
• As a 3-phase stepping motor driver for transmission and reception in a facsimile.
• As a 3-phase stepping motor driver for feeding paper feed or for an optical system in a copying machine.
• Industrial machines or products employing 3-phase stepping motor driving.




Numéro de pièce similaire - STK673-010-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
More results


Description similaire - STK673-010-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com