Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP5ZC2V2 Fiches technique (PDF) - GOOD-ARK Electronics

FP5ZC2V2 Datasheet PDF - GOOD-ARK Electronics
No de pièce FP5ZC2V2_15
Télécharger  FP5ZC2V2 Télécharger

Taille du fichier   216.6 Kbytes
Page   5 Pages
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W

FP5ZC2V2 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FP5ZC2V2 Datasheet PDF - GOOD-ARK Electronics

No de pièce FP5ZC2V2_15
Télécharger  FP5ZC2V2 Click to download

Taille du fichier   216.6 Kbytes
Page   5 Pages
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W

FP5ZC2V2 Fiches technique (HTML) - GOOD-ARK Electronics

FP5ZC2V2_15 Datasheet HTML 1Page - GOOD-ARK Electronics FP5ZC2V2_15 Datasheet HTML 2Page - GOOD-ARK Electronics FP5ZC2V2_15 Datasheet HTML 3Page - GOOD-ARK Electronics FP5ZC2V2_15 Datasheet HTML 4Page - GOOD-ARK Electronics FP5ZC2V2_15 Datasheet HTML 5Page - GOOD-ARK Electronics



Numéro de pièce similaire - FP5ZC2V2_15

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
FP5ZC20 GOOD-ARK-FP5ZC20 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes
FP5ZC200 GOOD-ARK-FP5ZC200 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes
FP5ZC22 GOOD-ARK-FP5ZC22 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes
FP5ZC24 GOOD-ARK-FP5ZC24 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes
FP5ZC27 GOOD-ARK-FP5ZC27 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes
More results


Description similaire - FP5ZC2V2_15

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
F1N4728 GOOD-ARK-F1N4728_15 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
L1N4738 GOOD-ARK-L1N4738_15 Datasheet
193Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
L2N5923B GOOD-ARK-L2N5923B_15 Datasheet
217Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:2W
L1N5923 GOOD-ARK-L1N5923_15 Datasheet
202Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
L3N5923B GOOD-ARK-L3N5923B_15 Datasheet
218Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:3W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Shanghai Leiditech Elec...
DL47XXA LEIDITECH-DL47XXA Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
More results




À propos de GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com