Fabricant | No de pièce | Fiches technique | Description |
ON Semiconductor |
NCP6336
|
1Mb / 30P |
Configurable 5.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. P2 |
NCV6336
|
1Mb / 31P |
Step Down Converter - Transient Load Helper, Configurable
August, 2019 ??Rev. 0 |
NCP6335
|
1Mb / 30P |
Configurable 4.0 A Step Down Converter - Transient Load Helper
April, 2014 ??Rev. 5 |
NCP6335FFCCT1G
|
1Mb / 35P |
Configurable 4.0 A Step Down Converter - Transient Load Helper
June, 2015 ??Rev. 2 |
NCV6357
|
2Mb / 34P |
Step Down Converter - AOT, Configurable 5.0 A
October, 2019 - Rev. 4 |
NCV6356
|
2Mb / 34P |
AOT Step Down Converter, Configurable 5.0 A
August, 2019 - Rev. 0 |
Allegro MicroSystems |
SI-8050JD
|
538Kb / 10P |
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
|
SI-8050JF
|
326Kb / 9P |
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
|
Diodes Incorporated |
PAM2325
|
553Kb / 12P |
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
|
Advanced Analogic Techn... |
AAT1146
|
668Kb / 20P |
Fast Transient 400mA Step-Down Converter
|