Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4448 Fiches technique (PDF) - GOOD-ARK Electronics

1N4448 Datasheet PDF - GOOD-ARK Electronics
No de pièce 1N4448_15
Télécharger  1N4448 Télécharger

Taille du fichier   575.69 Kbytes
Page   4 Pages
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Small-Signal Diode - Fast Switching Rectifier Reverse Voltage 100V Forward Current 150mA

1N4448 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
1N4448 Datasheet PDF - GOOD-ARK Electronics

No de pièce 1N4448_15
Télécharger  1N4448 Click to download

Taille du fichier   575.69 Kbytes
Page   4 Pages
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Small-Signal Diode - Fast Switching Rectifier Reverse Voltage 100V Forward Current 150mA

1N4448 Fiches technique (HTML) - GOOD-ARK Electronics

1N4448_15 Datasheet HTML 1Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 2Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 3Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 4Page - GOOD-ARK Electronics



Numéro de pièce similaire - 1N4448_15

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN YONGERJIA INDU...
1N4448 WINNERJOIN-1N4448_15 Datasheet
133Kb / 3P
   High-speed switching diode
logo
Vishay Siliconix
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.1, 06-May-13
More results


Description similaire - 1N4448_15

FabricantNo de pièceFiches techniqueDescription
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
   150mA SMALL SIGNAL SWITCHING DIODE - 100V
logo
AiT Semiconductor Inc.
1N4148WS AITSEMI-1N4148WS Datasheet
386Kb / 5P
   FAST SWITCHING DIODE FORWARD VOLTAGE 1.25V CURRENT 150mA RECOVERY 4ns
REV1.0
BAT46W AITSEMI-BAT46W Datasheet
528Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 100V FORWARD CURRENT 0.5A
REV1.0
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
logo
Surge Components
SGC051BS SURGE-SGC051BS Datasheet
162Kb / 3P
   Reverse Voltage 100V Forward Current 5A
SGC101BSA SURGE-SGC101BSA Datasheet
361Kb / 3P
   Reverse Voltage 100V Forward Current 10A
logo
Rugao Dachang Electroni...
RU2YX DACHANG-RU2YX Datasheet
117Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100V Forward Current 1.5 A
logo
AiT Semiconductor Inc.
BAS16L AITSEMI-BAS16L Datasheet
581Kb / 7P
   SWITCHING DIODE REVERSE VOLTAGE 75V FORWARD CURRENT 200mA
REV1.2
More results




À propos de GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com