Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G11620 Fiches technique (PDF) - Hamamatsu Corporation

G11620 Datasheet PDF - Hamamatsu Corporation
No de pièce G11620_15
Télécharger  G11620 Télécharger

Taille du fichier   288.05 Kbytes
Page   11 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Single video line (128/256/512 pixels) near infrared image sensor (0.95 to 1.7 關m)

G11620 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
G11620 Datasheet PDF - Hamamatsu Corporation

No de pièce G11620_15
Télécharger  G11620 Click to download

Taille du fichier   288.05 Kbytes
Page   11 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Single video line (128/256/512 pixels) near infrared image sensor (0.95 to 1.7 關m)

G11620 Fiches technique (HTML) - Hamamatsu Corporation

Back Button G11620_15 Datasheet HTML 1Page - Hamamatsu Corporation G11620_15 Datasheet HTML 2Page - Hamamatsu Corporation G11620_15 Datasheet HTML 3Page - Hamamatsu Corporation G11620_15 Datasheet HTML 4Page - Hamamatsu Corporation G11620_15 Datasheet HTML 5Page - Hamamatsu Corporation G11620_15 Datasheet HTML 6Page - Hamamatsu Corporation G11620_15 Datasheet HTML 7Page - Hamamatsu Corporation G11620_15 Datasheet HTML 8Page - Hamamatsu Corporation G11620_15 Datasheet HTML 9Page - Hamamatsu Corporation G11620_15 Datasheet HTML 10Page - Hamamatsu Corporation Next Button 



Numéro de pièce similaire - G11620_15

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
G116E MPD-G116E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
G116E MPD-G116E Datasheet
249Kb / 2P
   G100E Series
G116EI MPD-G116EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
G116EI MPD-G116EI Datasheet
181Kb / 2P
   G100EI SERIES
More results


Description similaire - G11620_15

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
G11135-256DD HAMAMATSU-G11135-256DD_15 Datasheet
290Kb / 10P
   Single video line (256/512 pixels) near infrared image sensor (0.95 to 1.7 m)
G10768 HAMAMATSU-G10768_15 Datasheet
304Kb / 7P
   Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
G12242-0707W HAMAMATSU-G12242-0707W_15 Datasheet
274Kb / 10P
   Near infrared area image sensor with 128 x128 pixels
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
   Near infrared (0.9 to 1.7 m) image sensors
G9204-256D HAMAMATSU-G9204-256D Datasheet
137Kb / 5P
   Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
G9211 HAMAMATSU-G9211_08 Datasheet
459Kb / 6P
   Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
G9494-256D HAMAMATSU-G9494-256D_15 Datasheet
233Kb / 8P
   Near infrared image sensors (0.9 to 1.7 m) with high-speed data rate
G9211 HAMAMATSU-G9211_15 Datasheet
389Kb / 11P
   Near infrared image sensors (0.9 to 1.67 m / 2.55 m)
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
More results




À propos de Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com