Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S12053-02 Fiches technique (PDF) - Hamamatsu Corporation

S12053-02 Datasheet PDF - Hamamatsu Corporation
No de pièce S12053-02_15
Télécharger  S12053-02 Télécharger

Taille du fichier   232.12 Kbytes
Page   5 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Short wavelength type APD, for 600 nm band

S12053-02 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
S12053-02 Datasheet PDF - Hamamatsu Corporation

No de pièce S12053-02_15
Télécharger  S12053-02 Click to download

Taille du fichier   232.12 Kbytes
Page   5 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Short wavelength type APD, for 600 nm band

S12053-02 Fiches technique (HTML) - Hamamatsu Corporation

S12053-02_15 Datasheet HTML 1Page - Hamamatsu Corporation S12053-02_15 Datasheet HTML 2Page - Hamamatsu Corporation S12053-02_15 Datasheet HTML 3Page - Hamamatsu Corporation S12053-02_15 Datasheet HTML 4Page - Hamamatsu Corporation S12053-02_15 Datasheet HTML 5Page - Hamamatsu Corporation



Numéro de pièce similaire - S12053-02_15

FabricantNo de pièceFiches techniqueDescription
logo
Okaya Electric America,...
S1205 OKAYA-S1205 Datasheet
292Kb / 1P
   SPARK QUENCHER
S1205 OKAYA-S1205 Datasheet
65Kb / 1P
   SPARK QUENCHER
More results


Description similaire - S12053-02_15

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
S5343 HAMAMATSU-S5343 Datasheet
85Kb / 4P
   Short wavelength type APD
S8664 HAMAMATSU-S8664 Datasheet
110Kb / 3P
   Short wavelength type APD
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
   Low temperature coefficient type APD for 800 nm band
S8890 HAMAMATSU-S8890 Datasheet
142Kb / 3P
   Long wavelength type APD
S8890 HAMAMATSU-S8890_15 Datasheet
502Kb / 4P
   Long wavelength type APD
S2381 HAMAMATSU-S2381 Datasheet
152Kb / 4P
   Si APD Low bias operation, for 800 nm band
More results




À propos de Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com