Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL83387EIV Fiches technique (PDF) - Intersil Corporation

ISL83387EIV Datasheet PDF - Intersil Corporation
No de pièce ISL83387EIV
Télécharger  ISL83387EIV Télécharger

Taille du fichier   318.87 Kbytes
Page   13 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply

ISL83387EIV Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISL83387EIV Datasheet PDF - Intersil Corporation

No de pièce ISL83387EIV
Télécharger  ISL83387EIV Click to download

Taille du fichier   318.87 Kbytes
Page   13 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply

ISL83387EIV Fiches technique (HTML) - Intersil Corporation

Back Button ISL83387EIV Datasheet HTML 1Page - Intersil Corporation ISL83387EIV Datasheet HTML 2Page - Intersil Corporation ISL83387EIV Datasheet HTML 3Page - Intersil Corporation ISL83387EIV Datasheet HTML 4Page - Intersil Corporation ISL83387EIV Datasheet HTML 5Page - Intersil Corporation ISL83387EIV Datasheet HTML 6Page - Intersil Corporation ISL83387EIV Datasheet HTML 7Page - Intersil Corporation ISL83387EIV Datasheet HTML 8Page - Intersil Corporation ISL83387EIV Datasheet HTML 9Page - Intersil Corporation ISL83387EIV Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL83387EIV Détails du produit

The Intersil ISL83387E is a 3.0V to 5.5V powered RS-232
transceiver which meets ElA/TIA-232 and V.28/V.24
specifications, even at VCC = 3.0V. Additionally, it provides
±15kV ESD protection (IEC61000-4-2 Air Gap and Human
Body Model) on transmitter outputs and receiver inputs
(RS-232 pins). Targeted applications are PDAs, Palmtops,
and notebook and laptop computers where the low
operational, and even lower standby power consumption is
critical. Efficient on-chip charge pumps, coupled with manual
and enhanced automatic powerdown functions, reduce the
standby supply current to a 1µA trickle. TSSOP packaging,
and the use of small, low value capacitors ensure board
space savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions.
The ISL83387E features a VL pin that adjusts the logic pin
output levels and input thresholds to values compatible with
the VCC powering the external logic (e.g., a UART).
This device includes an enhanced automatic powerdown
function which powers down the on-chip power-supply and
driver circuits. This occurs when all receiver and transmitter
inputs detect no signal transitions for a period of 30 seconds.
It power back up, automatically, whenever it senses a
transition on any transmitter or receiver input.
Table 1 summarizes the features of the ISL83387E, while
Application Note AN9863 summarizes the features of each
device comprising the 3V RS-232 family.

Features
• VL Supply Pin for Compatibility with Mixed Voltage
Systems
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Low Power, Pin Compatible Upgrade for MAX3387E
• Manual and Enhanced Automatic Powerdown Features
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• On-Chip Charge Pumps Require Only Four External
0.1µF Capacitors
• Receivers Stay Active in Powerdown
• Very Low Supply Current . . . . . . . . . . . . . . . . . . . . 300µA
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State. . . . . . . . . < 1µA
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Digital Cameras
- PDA’s and PDA Cradles
- Cellular/Mobile Phones




Numéro de pièce similaire - ISL83387EIV

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
181Kb / 13P
   /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387EIV RENESAS-ISL83387EIV Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387EIV-T INTERSIL-ISL83387EIV-T Datasheet
181Kb / 13P
   /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Description similaire - ISL83387EIV

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL83387 INTERSIL-ISL83387 Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ISL83387E INTERSIL-ISL83387E Datasheet
181Kb / 13P
   /-15kV ESD Protected,3#V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com