Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL78236ARZ Fiches technique (PDF) - Intersil Corporation

ISL78236ARZ Datasheet PDF - Intersil Corporation
No de pièce ISL78236ARZ
Télécharger  ISL78236ARZ Télécharger

Taille du fichier   1946.68 Kbytes
Page   24 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator

ISL78236ARZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISL78236ARZ Datasheet PDF - Intersil Corporation

No de pièce ISL78236ARZ
Télécharger  ISL78236ARZ Click to download

Taille du fichier   1946.68 Kbytes
Page   24 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator

ISL78236ARZ Fiches technique (HTML) - Intersil Corporation

Back Button ISL78236ARZ Datasheet HTML 1Page - Intersil Corporation ISL78236ARZ Datasheet HTML 2Page - Intersil Corporation ISL78236ARZ Datasheet HTML 3Page - Intersil Corporation ISL78236ARZ Datasheet HTML 4Page - Intersil Corporation ISL78236ARZ Datasheet HTML 5Page - Intersil Corporation ISL78236ARZ Datasheet HTML 6Page - Intersil Corporation ISL78236ARZ Datasheet HTML 7Page - Intersil Corporation ISL78236ARZ Datasheet HTML 8Page - Intersil Corporation ISL78236ARZ Datasheet HTML 9Page - Intersil Corporation ISL78236ARZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL78236ARZ Détails du produit

The ISL78236 is a dual output 3A/3A integrated FET buck
regulator for point-of-load power applications. The supply
voltage range is from 2.8V to 6V, allowing for the use of a
single Li+ cell, three NiMH cells or a regulated 3V/5V bus
input. It is optimized for regulating output voltages down to
1.2V. Each channel provides an output current up to 3A which
can be combined to form a single 6A output in current sharing
mode. The two channels operate 180° out-of-phase to reduce
input RMS current and EMI.
The ISL78236 integrates a pair of low ON-resistance P-channel
and N-channel internal MOSFETs to maximize efficiency and
minimize external component count. It can operate up to
100% duty cycle to maximize operating life as battery voltage
drops out. When supplying 3A on each channel, the 100% duty
cycle operation limits the dropout voltage to less than 250mV.
Other features include internal digital soft-start, independent
channel enable for power sequencing, overcurrent protection,
and thermal shutdown.
The ISL78236 is offered in a 24 Ld 4mmx4mm QFN package
with 1mm maximum height. The complete converter occupies
less than 1.5cm2 area.
The ISL78236 is AEC - Q100 qualified and is rated for the
automotive temperature range (-40°C to +105°C).

Features
• Dual 3A/3A independent outputs
• 2.5MHz synchronous buck regulator with internal MOSFETs
up to 95% efficiency
• 2% voltage reference accuracy over-temperature
• 6A current sharing mode operation
• Internal or external compensation
• Peak current limiting and hiccup mode short circuit
protection
• Reverse overcurrent protection
• Over-temperature protection shutdown
• AEC - Q100 qualified

Applications
• DSP and embedded processor power supply
• Infotainment system power
• Automotive point of load power




Numéro de pièce similaire - ISL78236ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL78236ARZ RENESAS-ISL78236ARZ Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
More results


Description similaire - ISL78236ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com