Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL78113AARAZ-T Fiches technique (PDF) - Intersil Corporation

ISL78113AARAZ-T Datasheet PDF - Intersil Corporation
No de pièce ISL78113AARAZ-T
Télécharger  ISL78113AARAZ-T Télécharger

Taille du fichier   571.5 Kbytes
Page   12 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch

ISL78113AARAZ-T Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISL78113AARAZ-T Datasheet PDF - Intersil Corporation

No de pièce ISL78113AARAZ-T
Télécharger  ISL78113AARAZ-T Click to download

Taille du fichier   571.5 Kbytes
Page   12 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch

ISL78113AARAZ-T Fiches technique (HTML) - Intersil Corporation

Back Button ISL78113AARAZ-T Datasheet HTML 1Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 2Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 3Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 4Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 5Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 6Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 7Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 8Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 9Page - Intersil Corporation ISL78113AARAZ-T Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL78113AARAZ-T Détails du produit

The ISL78113A provides a tiny and convenient boost power
supply solution to generate a regulated output up to 500mA
from any sub-5V secondary rail found in an automotive
electrical system, including battery powered applications
(NiCd, NiMH, or one-cell Li-Ion/Li-Polymer). It offers an
adjustable output (3.0V to 5.2V) supporting USB-OTG or HDMI
applications. The device is able to supply 500mA from a 3V
input and 5V output, and has a typical 1.3A peak current limit.
The ISL78113A is a fully integrated, internally compensated,
synchronous converter optimized to maximize efficiency and
reduce the overall solution size and bill of materials. Its high
2MHz switching frequency allows the use of tiny, low-profile
inductors and chip capacitors. It also eliminates potential
interference within the AM radio band and the external EMI
filtering needed for converters switching at lower rates. To
minimize power consumption while off, the device features an
ultra-low current shutdown mode dropping quiescent current
to 50nA typical.
ISL78113A is supplied in an 8 Ld DFN package. The device is
rated to operate over the temperature range of -40°C to
+105°C.

Features
• Output disconnect during shutdown preventing output
precharging and uncontrolled short-circuit current
• Input voltage range: 0.8V to 4.7V
• Output current: Up to 500mA (VBAT = 3V, VOUT = 5V)
• Logic control shutdown (IQ < 1µA)
• 2MHz switching frequency
• Up to 95% efficiency at typical operating conditions
• Fault protection: OVP, OCP, OTP, UVLO
• 2mmx2mm 8 Ld DFN package
• Qualified for automotive operations

Applications
• Automotive head units and infotainment systems: especially
those including portable HDMI and USB-OTG connectivity
• Automotive camera systems



Numéro de pièce similaire - ISL78113AARAZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL78113AARAZ-T RENESAS-ISL78113AARAZ-T Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
More results


Description similaire - ISL78113AARAZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
   Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com