Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21080CIH333Z-TK Fiches technique (PDF) - Intersil Corporation

ISL21080CIH333Z-TK Datasheet PDF - Intersil Corporation
No de pièce ISL21080CIH333Z-TK
Télécharger  ISL21080CIH333Z-TK Télécharger

Taille du fichier   927.25 Kbytes
Page   20 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300nA NanoPower Voltage References

ISL21080CIH333Z-TK Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISL21080CIH333Z-TK Datasheet PDF - Intersil Corporation

No de pièce ISL21080CIH333Z-TK
Télécharger  ISL21080CIH333Z-TK Click to download

Taille du fichier   927.25 Kbytes
Page   20 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300nA NanoPower Voltage References

ISL21080CIH333Z-TK Fiches technique (HTML) - Intersil Corporation

Back Button ISL21080CIH333Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080CIH333Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL21080CIH333Z-TK Détails du produit

The ISL21080 analog voltage references feature low supply
voltage operation at ultra-low 310nA typ, 1.5µA max operating
current. Additionally, the ISL21080 family features guaranteed
initial accuracy as low as ±0.2% and 50ppm/°C temperature
coefficient.
These references are ideal for general purpose portable
applications to extend battery life at lower cost. The ISL21080 is
provided in the industry standard 3 Ld SOT-23 pinout.
The ISL21080 output voltages can be used as precision voltage
sources for voltage monitors, control loops, standby voltages for
low power states for DSP, FPGA, Datapath Controllers,
microcontrollers and other core voltages: 0.9V, 1.024V, 1.25V,
1.5V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V and 5.0V.
Special Note: Post-assembly x-ray inspection may lead to permanent
changes in device output voltage and should be minimized or avoided.
For further information, please see “Applications Information” on
page 14 and AN1533, “X-Ray Effects on Intersil FGA References”.

Features
• Reference output voltage . . . . . . . . 0.900V, 1.024V, 1.250V,
1.500V, 2.048V, 2.500V, 3.000V, 3.300V, 4.096V, 5.000V
• Initial accuracy:
- ISL21080-09 and -10 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.7%
- ISL21080-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.6%
- ISL21080-15. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.5%
- ISL21080-20 and -25 . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3%
- ISL21080-30, -33, -41, and -50 . . . . . . . . . . . . . . . . . ±0.2%
• Input voltage range:
- ISL21080-09. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0V to 5.5V
- ISL21080-10, -12, -15, -20 and -25. . . . . . . . . 2.7V to 5.5V
- ISL21080-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL21080-33. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
- ISL21080-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 8.0V
- ISL21080-50. . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V to 8.0V
• Output voltage noise . . . . . . . . . . . . .30µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5µA (max)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Output current capability. . . . . . . . . . . . . . . . . . . . . . . . . ±7mA
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)

Applications
• Energy harvesting applications
• Wireless sensor network applications
• Low power voltage sources for controllers, FPGA, ASICs or logic
devices
• Battery management/monitoring
• Low power standby voltages
• Portable Instrumentation
• Consumer/medical electronics
• Wearable electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply




Numéro de pièce similaire - ISL21080CIH333Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21080CIH333Z-TK INTERSIL-ISL21080CIH333Z-TK Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
ISL21080CIH333Z-TK INTERSIL-ISL21080CIH333Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH333Z-TK INTERSIL-ISL21080CIH333Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080CIH333Z-TK RENESAS-ISL21080CIH333Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results


Description similaire - ISL21080CIH333Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com