Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAD5510P-17Q48 Fiches technique (PDF) - Intersil Corporation

KAD5510P-17Q48 Datasheet PDF - Intersil Corporation
No de pièce KAD5510P-17Q48
Télécharger  KAD5510P-17Q48 Télécharger

Taille du fichier   1139.77 Kbytes
Page   31 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power 10-Bit, 250/210/170/125MSPS ADC

KAD5510P-17Q48 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
KAD5510P-17Q48 Datasheet PDF - Intersil Corporation

No de pièce KAD5510P-17Q48
Télécharger  KAD5510P-17Q48 Click to download

Taille du fichier   1139.77 Kbytes
Page   31 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power 10-Bit, 250/210/170/125MSPS ADC

KAD5510P-17Q48 Fiches technique (HTML) - Intersil Corporation

Back Button KAD5510P-17Q48 Datasheet HTML 1Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 2Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 3Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 4Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 5Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 6Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 7Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 8Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 9Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 10Page - Intersil Corporation Next Button 

KAD5510P-17Q48 Détails du produit

The KAD5510P is a family of low power, high performance 10-bit
analog-to-digital converters. Designed with Intersil’s proprietary
FemtoCharge™ technology on a standard CMOS process, the
family supports sampling rates of up to 250MSPS. The
KAD5510P is part of a pin-compatible portfolio of 10, 12 and
14-bit A/Ds with sample rates ranging from 125MSPS to
500MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters such
as gain and offset.
Digital output data is presented in selectable LVDS or CMOS formats.
The KAD5510P is available in a 48-contact QFN package with an
exposed paddle. Operating from a 1.8V supply, performance is
specified over the full industrial temperature range (-40°C to +85°C).

Features
• 1.5GHz Analog Input Bandwidth
• 60fs Clock Jitter
• Programmable Gain, Offset and Skew Control
• Over-Range Indicator
• Selectable Clock Divider: ÷1, ÷2 or ÷4
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data Format
• DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Built-in Test Patterns
• Single-Supply 1.8V Operation
• Pb-Free (RoHS Compliant)

Applications
• Power Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment
• WiMAX and Microwave Receivers




Numéro de pièce similaire - KAD5510P-17Q48

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
KAD5510P-17Q48 INTERSIL-KAD5510P-17Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-17Q48 INTERSIL-KAD5510P-17Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P-17Q48 RENESAS-KAD5510P-17Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results


Description similaire - KAD5510P-17Q48

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com