Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IDT8P34S1208I Fiches technique (PDF) - Integrated Device Technology

IDT8P34S1208I Datasheet PDF - Integrated Device Technology
No de pièce IDT8P34S1208I
Télécharger  IDT8P34S1208I Télécharger

Taille du fichier   345.02 Kbytes
Page   18 Pages
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Eight low skew, low additive jitter LVDS output pairs

IDT8P34S1208I Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
IDT8P34S1208I Datasheet PDF - Integrated Device Technology

No de pièce IDT8P34S1208I
Télécharger  IDT8P34S1208I Click to download

Taille du fichier   345.02 Kbytes
Page   18 Pages
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Eight low skew, low additive jitter LVDS output pairs

IDT8P34S1208I Fiches technique (HTML) - Integrated Device Technology

Back Button IDT8P34S1208I Datasheet HTML 1Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 2Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 3Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 4Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 5Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 6Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 7Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 8Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 9Page - Integrated Device Technology IDT8P34S1208I Datasheet HTML 10Page - Integrated Device Technology Next Button 

IDT8P34S1208I Détails du produit

The IDT 8P34S1208i is a high-performance differential LVDS fanout buffer. The device is designed for the fanout of high-frequency, very low additive phase-noise clock and data signals.

The 8P34S1208i is characterized to operate from a 1.8V power supply. Guaranteed output-to-output and part-to-part skew characteristics make the 8P34S1208i ideal for those clock distribution applications demanding well-defined performance and repeatability.

Two selectable differential inputs and eight low skew outputs are available. The integrated bias voltage reference enables easy interfacing of AC-coupled signals to the device inputs.

The device is optimized for low power consumption and low additive phase noise.




Numéro de pièce similaire - IDT8P34S1208I

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT8P34S1204I IDT-IDT8P34S1204I Datasheet
344Kb / 19P
   Maximum input clock frequency
More results


Description similaire - IDT8P34S1208I

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT8SLVD1208-33I IDT-IDT8SLVD1208-33I Datasheet
400Kb / 21P
   Eight low skew, low additive jitter LVDS output pairs
IDT8P34S1102I IDT-IDT8P34S1102I Datasheet
292Kb / 18P
   Two low skew, low additive jitter LVDS output pairs
IDT8P34S1212I IDT-IDT8P34S1212I Datasheet
407Kb / 19P
   Twelve low skew, low additive jitter LVDS output pairs
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
   1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Microsemi Corporation
ZL40230 MICROSEMI-ZL40230 Datasheet
2Mb / 51P
   Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40231 MICROSEMI-ZL40231 Datasheet
1Mb / 36P
   Low Skew, Low Additive Jitter, 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40234 MICROSEMI-ZL40234 Datasheet
1Mb / 35P
   Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
logo
Texas Instruments
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results




À propos de Integrated Device Technology


Integrated Device Technology (IDT) est une entreprise américaine spécialisée dans la conception et la fabrication de solutions de semi-conducteurs de signaux mixtes.
La société a été fondée en 1980 et a son siège à San Jose, en Californie.
IDT fournit une large gamme de produits, notamment des solutions d'horloge et de synchronisation, une interface de mémoire et des produits logiques numériques.
Les produits de l'entreprise sont utilisés dans diverses applications telles que l'informatique, les télécommunications et l'automatisation industrielle.
IDT est connu pour son expertise dans la technologie des semi-conducteurs de signaux mixtes et sa capacité à fournir des produits de haute qualité et fiables à ses clients.
La société possède des opérations et des installations dans divers pays à travers le monde et travaille en étroite collaboration avec ses clients pour fournir des solutions de semi-conducteurs personnalisées qui répondent à leurs exigences et besoins spécifiques.
En plus de son entreprise principale, IDT fournit également des solutions pour les marchés de l'automobile, du centre de données et de l'Internet des objets (IoT).

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com