Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFCT-701SDZ Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

AFCT-701SDZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce AFCT-701SDZ_15
Télécharger  AFCT-701SDZ Télécharger

Taille du fichier   272.65 Kbytes
Page   18 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description SFP Transceiver for SMF 10km links

AFCT-701SDZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AFCT-701SDZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce AFCT-701SDZ_15
Télécharger  AFCT-701SDZ Click to download

Taille du fichier   272.65 Kbytes
Page   18 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description SFP Transceiver for SMF 10km links

AFCT-701SDZ Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701SDZ_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 



Numéro de pièce similaire - AFCT-701SDZ_15

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701SDZ AVAGO-AFCT-701SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
242Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
More results


Description similaire - AFCT-701SDZ_15

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ_15 Datasheet
242Kb / 18P
   SFP Transceiver for SMF 10km links
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
logo
ATGBICS by Approved Tec...
RX-10KM-SFP-C ATGBICS-RX-10KM-SFP-C Datasheet
322Kb / 9P
   RX-10KM-SFP Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ Datasheet
242Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
logo
Broadcom Corporation.
AFCT-701ASDZ BOARDCOM-AFCT-701ASDZ Datasheet
242Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
logo
Level One
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
SFP-4210 LVL1-SFP-4210 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
logo
ATGBICS by Approved Tec...
SFP-1000LX-C ATGBICS-SFP-1000LX-C Datasheet
322Kb / 9P
   SFP-1000LX NetScout Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-6DH-C ATGBICS-SFP-6DH-C Datasheet
322Kb / 9P
   SFP-6DH Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com