Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LO484NHR4-B0G Fiches technique (PDF) - Marktech Corporate

LO484NHR4-B0G Datasheet PDF - Marktech Corporate
No de pièce LO484NHR4-B0G
Télécharger  LO484NHR4-B0G Télécharger

Taille du fichier   45.36 Kbytes
Page   3 Pages
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.

LO484NHR4-B0G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
LO484NHR4-B0G Datasheet PDF - Marktech Corporate

No de pièce LO484NHR4-B0G
Télécharger  LO484NHR4-B0G Click to download

Taille du fichier   45.36 Kbytes
Page   3 Pages
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.

LO484NHR4-B0G Fiches technique (HTML) - Marktech Corporate

LO484NHR4-B0G Datasheet HTML 1Page - Marktech Corporate LO484NHR4-B0G Datasheet HTML 2Page - Marktech Corporate LO484NHR4-B0G Datasheet HTML 3Page - Marktech Corporate

LO484NHR4-B0G Détails du produit

Product Description: Red 100º Elliptical LED lamp with tinted diffused lens and stand offs.

Resin: Epoxy
Lens Color: Water Transparent
Lead Frame: Ag Plating Copper Alloy
Dice: AlGaInP




Numéro de pièce similaire - LO484NHR4-B0G

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LO484THR4-B0G MARKTECH-LO484THR4-B0G Datasheet
47Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO484TYL4-B0G MARKTECH-LO484TYL4-B0G Datasheet
47Kb / 3P
   Yellow 100 Elliptical LED lamp with tinted diffused lens and stand offs.
More results


Description similaire - LO484NHR4-B0G

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LO484THR4-B0G MARKTECH-LO484THR4-B0G Datasheet
47Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO484TYL4-B0G MARKTECH-LO484TYL4-B0G Datasheet
47Kb / 3P
   Yellow 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LC461MHR4-95G MARKTECH-LC461MHR4-95G Datasheet
59Kb / 3P
   Red 95 5mm LED lamp with tinted diffused lens and stand offs.
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
   Green 95 5mm LED lamp with tinted diffused lens and stand offs
LO481MBL4-B0P MARKTECH-LO481MBL4-B0P Datasheet
56Kb / 3P
   Blue 110 oval LED lamp with tinted diffused lens and stand offs.
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
   Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LO561MSO3-75P MARKTECH-LO561MSO3-75P Datasheet
61Kb / 3P
   Orange 75 Oval LED lamp with tinted transparent lens and stand offs.
LO561MYL3-75P MARKTECH-LO561MYL3-75P Datasheet
68Kb / 3P
   Yellow 75 Oval LED lamp with tinted transparent lens and stand offs.
logo
Fairchild Semiconductor
HLMP-1700L FAIRCHILD-HLMP-1700L Datasheet
152Kb / 4P
   LOW CURRENT LED LAMP - Tinted & Diffused
logo
LUMEX INC.
SSL-LX100133ID LUMEX-SSL-LX100133ID Datasheet
343Kb / 1P
   T-3 Led, Red Diffused Lens
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com