Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1642A Fiches technique (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1642A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
No de pièce TA1642A
Télécharger  TA1642A Télécharger

Taille du fichier   146.15 Kbytes
Page   6 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 856 MHz

TA1642A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TA1642A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1642A
Télécharger  TA1642A Click to download

Taille du fichier   146.15 Kbytes
Page   6 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 856 MHz

TA1642A Fiches technique (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1642A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1642A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1642A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1642A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1642A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1642A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



Numéro de pièce similaire - TA1642A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1640A TAI-SAW-TA1640A Datasheet
212Kb / 8P
   SAW Filter 2636.5 MHz
TA1641A TAI-SAW-TA1641A Datasheet
143Kb / 6P
   SAW Filter 772 MHz
logo
Golledge Electronics Lt...
TA1641A GOLLEDGE-TA1641A Datasheet
112Kb / 5P
   SAW Filter: 772.0MHz
logo
Transko Electronics, In...
TA1643AM1 TRANSKO-TA1643AM1 Datasheet
397Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: October 2007
logo
TAI-SAW TECHNOLOGY CO.,...
TA1649A TAI-SAW-TA1649A Datasheet
258Kb / 7P
   SAW Filter 616.25 MHz
More results


Description similaire - TA1642A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2066A TAI-SAW-TA2066A Datasheet
422Kb / 6P
   SAW Filter 856 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com