Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1613A Fiches technique (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1613A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
No de pièce TA1613A
Télécharger  TA1613A Télécharger

Taille du fichier   262.35 Kbytes
Page   8 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 423.75 MHz

TA1613A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TA1613A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1613A
Télécharger  TA1613A Click to download

Taille du fichier   262.35 Kbytes
Page   8 Pages
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 423.75 MHz

TA1613A Fiches technique (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1613A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1613A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1613A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1613A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1613A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1613A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1613A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1613A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.



Numéro de pièce similaire - TA1613A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1610A TAI-SAW-TA1610A Datasheet
177Kb / 8P
   SAW Filter 915MHz 26MHz BW SMD 1.4x1.1 mm
logo
Beijing Yaohuadechang E...
TA1610FP YHDC-TA1610FP Datasheet
2Mb / 1P
   Electronic power general current transformer
TA1610P YHDC-TA1610P Datasheet
1Mb / 1P
   Electronic power general current transformer
logo
VITALCONN ELECTRONICS H...
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16112S1 VITALCONN-TA16112S1 Datasheet
253Kb / 1P
   POWER OVER ETHERNET PoE Plus MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
More results


Description similaire - TA1613A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1664A TAI-SAW-TA1664A Datasheet
167Kb / 7P
   SAW Filter 423.75 MHz
logo
Murata Manufacturing Co...
SF1215D MURATA-SF1215D Datasheet
261Kb / 5P
   423.75 MHz SAW Filter
logo
RF Monolithics, Inc
SF1215D RFM-SF1215D Datasheet
261Kb / 5P
   423.75 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com