Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB12-800BW Fiches technique (PDF) - Kersemi Electronic Co., Ltd.

BTB12-800BW Datasheet PDF - Kersemi Electronic Co., Ltd.
No de pièce BTB12-800BW
Télécharger  BTB12-800BW Télécharger

Taille du fichier   1011.64 Kbytes
Page   5 Pages
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 12A TRIACS

BTB12-800BW Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
BTB12-800BW Datasheet PDF - Kersemi Electronic Co., Ltd.

No de pièce BTB12-800BW
Télécharger  BTB12-800BW Click to download

Taille du fichier   1011.64 Kbytes
Page   5 Pages
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 12A TRIACS

BTB12-800BW Fiches technique (HTML) - Kersemi Electronic Co., Ltd.

BTB12-800BW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTB12-800BW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTB12-800BW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTB12-800BW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTB12-800BW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.

BTB12-800BW Détails du produit

DESCRIPTION
    Available either in through-hole or surface-mount
    packages, the BTA/BTB12 and T12 triac series is
    suitable for general purpose AC switching. They
    can be used as an ON/OFF function in
    applications such as static relays, heating
    regulation, induction motor starting circuits... or for
    phase control operation in light dimmers, motor
    speed controllers,...

    The snubberless versions (BTA/BTB...W and T12
    series) are specially recommended for use on
    inductive loads, thanks to their high commutation
    performances. Logic level versions are designed
    to interface directly with low power drivers such as
    microcontrollers. By using an internal ceramic
    pad, the BTA series provides voltage insulated tab
    (rated at 2500V RMS) complying with UL
    standards (File ref.: E81734)
   




Numéro de pièce similaire - BTB12-800BW

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTB12-800BW STMICROELECTRONICS-BTB12-800BW Datasheet
116Kb / 7P
   12A TRIACS
logo
ON Semiconductor
BTB12-800BW3G ONSEMI-BTB12-800BW3G Datasheet
92Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
logo
STMicroelectronics
BTB12-800BWRG STMICROELECTRONICS-BTB12-800BWRG Datasheet
116Kb / 7P
   12A TRIACS
BTB12-800BWRG STMICROELECTRONICS-BTB12-800BWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTB12-800BWRG STMICROELECTRONICS-BTB12-800BWRG Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
More results


Description similaire - BTB12-800BW

FabricantNo de pièceFiches techniqueDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com