Fabricant | No de pièce | Fiches technique | Description |
TAI-SAW TECHNOLOGY CO.,... |
TA0973A
|
213Kb / 7P |
SAW Filter 1030 MHz
|
API Technologies Corp |
MN95015
|
77Kb / 3P |
1030 MHz SAW Filter 12 MHz Bandwidth
|
TriQuint Semiconductor |
880367
|
111Kb / 5P |
1030 MHz BAW Filter
|
TAI-SAW TECHNOLOGY CO.,... |
TA2541A
|
531Kb / 6P |
SAW Filter 1030 MHz (BW 2MHz) SMD 3X3 mm
|
Qorvo, Inc |
880367
|
152Kb / 6P |
1030 MHz IFF BAW Filter
|
TriQuint Semiconductor |
880367
|
152Kb / 6P |
1030 MHz IFF BAW Filter
|
TAI-SAW TECHNOLOGY CO.,... |
TC0669A
|
431Kb / 6P |
SAW Resonator 1030 MHz -50KHz SMD 3.0x3.0mm
|
API Technologies Corp |
SF0240CD03109S
|
154Kb / 3P |
240 MHz SAW Filter 240 MHz SAW Filter
|
MN95031
|
78Kb / 3P |
1030 MHz Resonator 0.2 MHz Bandwidth
|
SF0162BA03266S
|
1Mb / 3P |
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
|