Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI1396 Fiches technique (PDF) - Intersil Corporation

HI1396 Datasheet PDF - Intersil Corporation
No de pièce HI1396
Télécharger  HI1396 Télécharger

Taille du fichier   86.56 Kbytes
Page   10 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 125 MSPS, Flash A/D Converter

HI1396 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HI1396 Datasheet PDF - Intersil Corporation

No de pièce HI1396
Télécharger  HI1396 Click to download

Taille du fichier   86.56 Kbytes
Page   10 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 125 MSPS, Flash A/D Converter

HI1396 Fiches technique (HTML) - Intersil Corporation

HI1396 Datasheet HTML 1Page - Intersil Corporation HI1396 Datasheet HTML 2Page - Intersil Corporation HI1396 Datasheet HTML 3Page - Intersil Corporation HI1396 Datasheet HTML 4Page - Intersil Corporation HI1396 Datasheet HTML 5Page - Intersil Corporation HI1396 Datasheet HTML 6Page - Intersil Corporation HI1396 Datasheet HTML 7Page - Intersil Corporation HI1396 Datasheet HTML 8Page - Intersil Corporation HI1396 Datasheet HTML 9Page - Intersil Corporation HI1396 Datasheet HTML 10Page - Intersil Corporation

HI1396 Détails du produit

Description
The HI1396 is an 8-bit, ultra high speed flash analog-to-digital converter IC capable of digitizing analog signals at the maximum rate of 125 MSPS. The digital I/O levels of the converter are compatible with ECL 100K/10KH/10K.

Features
• Differential Linearity Error ±0.5 LSB (Typ) or Less
• Integral Linearity Error ±0.5 LSB (Typ) or Less
• Built-In Integral Linearity Compensation Circuit
• Ultra High Speed Operation with Maximum Conversion Rate of 125 MSPS (Min)
• Low Input Capacitance (Typ) . . . . . . . . . . . . . . . . . 18pF
• Wide Analog Input Bandwidth (Min for Full Scale Input). . . . . . . . . . . . . . . . . . 200MHz
• Single Power Supply . . . . . . . . . . . . . . . . . . . . . . .-5.2V
• Low Power Consumption (Typ) . . . . . . . . . . . . . 870mW
• Low Error Rate
• Operable at 50% Clock Duty Cycle
• Capable of Driving 50Ω Loads
• Direct Replacement for Sony CXA1396

Applications
• Video Digitizing
• HDTV (High Definition TV)
• Direct RF Down-Conversion
• Communication Systems
• Radar Systems
• Digital Oscilloscopes




Numéro de pièce similaire - HI1396

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI1396AIL INTERSIL-HI1396AIL Datasheet
674Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
HI1396JCJ INTERSIL-HI1396JCJ Datasheet
674Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
HI1396 INTERSIL-HI1396_00 Datasheet
674Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
More results


Description similaire - HI1396

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1396 INTERSIL-HI1396_00 Datasheet
674Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com