Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI1176 Fiches technique (PDF) - Intersil Corporation

HI1176 Datasheet PDF - Intersil Corporation
No de pièce HI1176
Télécharger  HI1176 Télécharger

Taille du fichier   85.89 Kbytes
Page   11 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 20 MSPS, Flash A/D Converter

HI1176 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HI1176 Datasheet PDF - Intersil Corporation

No de pièce HI1176
Télécharger  HI1176 Click to download

Taille du fichier   85.89 Kbytes
Page   11 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 20 MSPS, Flash A/D Converter

HI1176 Fiches technique (HTML) - Intersil Corporation

Back Button HI1176 Datasheet HTML 1Page - Intersil Corporation HI1176 Datasheet HTML 2Page - Intersil Corporation HI1176 Datasheet HTML 3Page - Intersil Corporation HI1176 Datasheet HTML 4Page - Intersil Corporation HI1176 Datasheet HTML 5Page - Intersil Corporation HI1176 Datasheet HTML 6Page - Intersil Corporation HI1176 Datasheet HTML 7Page - Intersil Corporation HI1176 Datasheet HTML 8Page - Intersil Corporation HI1176 Datasheet HTML 9Page - Intersil Corporation HI1176 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI1176 Détails du produit

Description
The HI1176 is an 8-bit, CMOS analog-to-digital converter for video use that features a sync clamp function. The adoption of a 2-step parallel method realizes low power consumption and a maximum conversion speed of 20 MSPS. For higher sampling rates, refer to the pin-for-pin compatible HI1179 data sheet, document number 3666.

Features
• Resolution ±0.5 LSB (DNL) . . . . . . . . . . . . . . . . . . . 8-Bit
• Maximum Sampling Frequency . . . . . . . . . . . 20 MSPS
• Low Power Consumption at 20 MSPS (Typ) (Reference Current Excluded) . . . . . . . . . . . . . . .60mW
• Built-In Sync Clamp Function
• Built-In Monostable Multivibrator for Clamp Pulse Generation
• Built-In Sync Pulse Polarity Selection Function
• Clamp Pulse Direct Input Possible
• Built-In Clamp ON/OFF Function
• Built-In Reference Voltage Self Bias Circuit
• Input CMOS Compatible
• Three-State TTL Compatible Output
• Single +5V Power Supply
• Low Input Capacitance (Typ) . . . . . . . . . . . . . . . . 11pF
• Reference Impedance (Typ) . . . . . . . . . . . . . . . . . 300Ω
• Direct Replacement for the Sony CXD1176

Applications
• Video Digitizing
• Image Scanners
• Low Cost High Speed Data Acquisition Systems
• Multimedia



Numéro de pièce similaire - HI1176

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Intersil Corporation
HI1176-EV INTERSIL-HI1176-EV Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1176-EV RENESAS-HI1176-EV Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Intersil Corporation
HI1176JCQ INTERSIL-HI1176JCQ Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
More results


Description similaire - HI1176

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
National Semiconductor ...
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175 Datasheet
74Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
August 1997
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com