Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI-5701 Fiches technique (PDF) - Intersil Corporation

HI-5701 Datasheet PDF - Intersil Corporation
No de pièce HI-5701
Télécharger  HI-5701 Télécharger

Taille du fichier   151.79 Kbytes
Page   14 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Bit, 30MSPS, Flash A/D Converter

HI-5701 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HI-5701 Datasheet PDF - Intersil Corporation

No de pièce HI-5701
Télécharger  HI-5701 Click to download

Taille du fichier   151.79 Kbytes
Page   14 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Bit, 30MSPS, Flash A/D Converter

HI-5701 Fiches technique (HTML) - Intersil Corporation

Back Button HI-5701 Datasheet HTML 1Page - Intersil Corporation HI-5701 Datasheet HTML 2Page - Intersil Corporation HI-5701 Datasheet HTML 3Page - Intersil Corporation HI-5701 Datasheet HTML 4Page - Intersil Corporation HI-5701 Datasheet HTML 5Page - Intersil Corporation HI-5701 Datasheet HTML 6Page - Intersil Corporation HI-5701 Datasheet HTML 7Page - Intersil Corporation HI-5701 Datasheet HTML 8Page - Intersil Corporation HI-5701 Datasheet HTML 9Page - Intersil Corporation HI-5701 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI-5701 Détails du produit

6-Bit, 30MSPS, Flash A/D Converter

The HI-5701 is a monolithic, 6-bit, CMOS flash Analog-toDigital Converter. It is designed for high speed applications where wide bandwidth and low power consumption are essential. Its 30MSPS speed is made possible by a parallel architecture which also eliminates the need for an external sample and hold circuit. The HI-5701 delivers ±0.7 LSB differential nonlinearity while consuming only 250mW (Typ) at 30MSPS. Microprocessor compatible data output latches are provided which present valid data to the output bus 1.5 clock cycles after the convert command is received. An overflow bit is provided to allow the series connection of two converters to achieve 7-bit resolution.

Features
• 30MSPS with No Missing Codes
• Full Power Input Bandwidth . . . . . . . . . . . . . . . . . . 20MHz
• No Missing Codes Over Temperature
• Sample and Hold Not Required
• Single Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . +5V
• Power Dissipation (Max). . . . . . . . . . . . . . . . . . . . .300mW
• CMOS/TTL Compatible
• Overflow Bit
• /883 Version Available

Applications
• Video Digitizing
• Radar Systems
• Communication Systems
• High Speed Data Acquisition Systems




Numéro de pièce similaire - HI-5701

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701/883 INTERSIL-HI-5701/883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results


Description similaire - HI-5701

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Intersil Corporation
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com