Fabricant | No de pièce | Fiches technique | Description |
Frontier Electronics. |
BP2500A1008ET
|
159Kb / 2P |
Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
|
BP2500A1008DT
|
175Kb / 2P |
Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
|
BP2500A1008FT
|
149Kb / 2P |
Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
|
BP2500B0805AT
|
160Kb / 2P |
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
|
BP2500B0805DT
|
203Kb / 2P |
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
|
BP2500B0805GT
|
192Kb / 2P |
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
|
BP2500C0805AT
|
166Kb / 2P |
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
|
BP2500D0805GT
|
154Kb / 2P |
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.45 mm, RoHS compliant.
|
BP2500C0805CT
|
144Kb / 2P |
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
|
BP2500D0805ET
|
214Kb / 2P |
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
|