Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ5.0-188A Fiches technique (PDF) - Bruckewell Technology LTD

SMBJ5.0-188A Datasheet PDF - Bruckewell Technology LTD
No de pièce SMBJ5.0-188A
Télécharger  SMBJ5.0-188A Télécharger

Taille du fichier   579.63 Kbytes
Page   7 Pages
Fabricant  BWTECH [Bruckewell Technology LTD]
Site Internet  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Stand-off Voltage 5.0 to 188V

SMBJ5.0-188A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SMBJ5.0-188A Datasheet PDF - Bruckewell Technology LTD

No de pièce SMBJ5.0-188A
Télécharger  SMBJ5.0-188A Click to download

Taille du fichier   579.63 Kbytes
Page   7 Pages
Fabricant  BWTECH [Bruckewell Technology LTD]
Site Internet  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Stand-off Voltage 5.0 to 188V

SMBJ5.0-188A Fiches technique (HTML) - Bruckewell Technology LTD

SMBJ5.0-188A Datasheet HTML 1Page - Bruckewell Technology LTD SMBJ5.0-188A Datasheet HTML 2Page - Bruckewell Technology LTD SMBJ5.0-188A Datasheet HTML 3Page - Bruckewell Technology LTD SMBJ5.0-188A Datasheet HTML 4Page - Bruckewell Technology LTD SMBJ5.0-188A Datasheet HTML 5Page - Bruckewell Technology LTD SMBJ5.0-188A Datasheet HTML 6Page - Bruckewell Technology LTD SMBJ5.0-188A Datasheet HTML 7Page - Bruckewell Technology LTD



Numéro de pièce similaire - SMBJ5.0-188A

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SMBJ5.0 SOCAY-SMBJ5.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
SAMYANG ELECTRONICS CO....
SMBJ5.0 SAMYANG-SMBJ5.0 Datasheet
1Mb / 4P
   SAMYANG ELECTRONICS
logo
Jinan Gude Electronic D...
SMBJ5.0 JGD-SMBJ5.0 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ5.0 MICROSEMI-SMBJ5.0 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ5.0 SOCAY-SMBJ5.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Description similaire - SMBJ5.0-188A

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
SMCJ_5.0_188CA BWTECH-SMCJ_5.0_188CA Datasheet
593Kb / 7P
   Stand-off Voltage 5.0 to 188V
3.0SMCJ5.0_220A BWTECH-3.0SMCJ5.0_220A Datasheet
595Kb / 7P
   Stand-off Voltage : 5.0 to 220V
logo
List of Unclassifed Man...
L13ESD5V0CE2 ETC2-L13ESD5V0CE2 Datasheet
138Kb / 5P
   STAND-OFF VOLTAGE - 5.0 Volts
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com