Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HN58X24128I Fiches technique (PDF) - Hitachi Semiconductor

HN58X24128I Datasheet PDF - Hitachi Semiconductor
No de pièce HN58X24128I
Télécharger  HN58X24128I Télécharger

Taille du fichier   69.86 Kbytes
Page   22 Pages
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)

HN58X24128I Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HN58X24128I Datasheet PDF - Hitachi Semiconductor

No de pièce HN58X24128I
Télécharger  HN58X24128I Click to download

Taille du fichier   69.86 Kbytes
Page   22 Pages
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)

HN58X24128I Fiches technique (HTML) - Hitachi Semiconductor

Back Button HN58X24128I Datasheet HTML 1Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 2Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 3Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 4Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 5Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 6Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 7Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 8Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 9Page - Hitachi Semiconductor HN58X24128I Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HN58X24128I Détails du produit

Description

HN58X24xxx series are two-wire serial interface EEPROM (Electrically Erasable and Programmable ROM). They realize high speed, low power consumption and a high level of reliability by employing advanced MNOS memory technology and CMOS process and low voltage circuitry technology. They also have a 64-byte page programming function to make their write operation faster.



Features

• Single supply: 1.8 V to 5.5 V

• Two-wire serial interface (I2CTM serial bus*1)

• Clock frequency: 400 kHz

• Power dissipation:

- Standby: 3 µA (max)

- Active (Read): 1 mA (max)

- Active (Write): 5 mA (max)

• Automatic page write: 64-byte/page

• Write cycle time: 10 ms (2.7 V to 5.5 V)/15 ms (1.8 V to 2.7 V)

• Endurance: 105 Cycles (Page write mode)

• Data retention: 10 Years

• Small size packages: SOP-8pin, TSSOP-14pin

• Shipping tape and reel

- TSSOP 14-pin: 2,000 IC/reel

- SOP 8-pin: 2,500 IC/reel

• Temperature range: –40 to +85°C



 




Numéro de pièce similaire - HN58X24128I

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
More results


Description similaire - HN58X24128I

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG Datasheet
79Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG_15 Datasheet
111Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_12 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword ??8-bit)
More results




À propos de Hitachi Semiconductor


Hitachi Semiconductor est une filiale de Hitachi, Ltd., une entreprise japonaise spécialisée dans la conception et la fabrication de semi-conducteurs.
La société a été créée en 1970 et a son siège à Tokyo, au Japon.
Hitachi Semiconductor propose une large gamme de produits, notamment des produits de mémoire, des microcontrôleurs, des circuits intégrés de gestion de l'alimentation et d'autres semi-conducteurs analogiques et numériques.
Les produits de l'entreprise sont utilisés dans diverses applications telles que l'électronique grand public, les systèmes automobiles et les équipements industriels.
Hitachi Semiconductor est connu pour son expertise dans la technologie des semi-conducteurs et sa capacité à fournir des produits de haute qualité et fiables à ses clients.
La société possède des opérations et des installations dans divers pays à travers le monde et travaille en étroite collaboration avec ses clients pour fournir des solutions de semi-conducteurs personnalisées qui répondent à leurs exigences et besoins spécifiques.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com