Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74HC589 Fiches technique (PDF) - Hitachi Semiconductor

HD74HC589 Datasheet PDF - Hitachi Semiconductor
No de pièce HD74HC589
Télécharger  HD74HC589 Télécharger

Taille du fichier   55.25 Kbytes
Page   10 Pages
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)

HD74HC589 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HD74HC589 Datasheet PDF - Hitachi Semiconductor

No de pièce HD74HC589
Télécharger  HD74HC589 Click to download

Taille du fichier   55.25 Kbytes
Page   10 Pages
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)

HD74HC589 Fiches technique (HTML) - Hitachi Semiconductor

HD74HC589 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC589 Datasheet HTML 10Page - Hitachi Semiconductor

HD74HC589 Détails du produit

Description
The HD74HC589 is similar in function to the HD74HC597, which is not a 3-state device.
This device consists of an 8-bit storage latch which feeds parallel data to an 8-bit shift register. Data can also be loaded serially (see Function Table). The shift register output, OH, is a three-state output, allowing this device to be used in bus-oriented systems.

Features
• High Speed Operation: tpd (Shift Clock to QH) = 15 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Numéro de pièce similaire - HD74HC589

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
HD74HC589FPEL RENESAS-HD74HC589FPEL Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
HD74HC589RPEL RENESAS-HD74HC589RPEL Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
More results


Description similaire - HD74HC589

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
   8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
More results




À propos de Hitachi Semiconductor


Hitachi Semiconductor est une filiale de Hitachi, Ltd., une entreprise japonaise spécialisée dans la conception et la fabrication de semi-conducteurs.
La société a été créée en 1970 et a son siège à Tokyo, au Japon.
Hitachi Semiconductor propose une large gamme de produits, notamment des produits de mémoire, des microcontrôleurs, des circuits intégrés de gestion de l'alimentation et d'autres semi-conducteurs analogiques et numériques.
Les produits de l'entreprise sont utilisés dans diverses applications telles que l'électronique grand public, les systèmes automobiles et les équipements industriels.
Hitachi Semiconductor est connu pour son expertise dans la technologie des semi-conducteurs et sa capacité à fournir des produits de haute qualité et fiables à ses clients.
La société possède des opérations et des installations dans divers pays à travers le monde et travaille en étroite collaboration avec ses clients pour fournir des solutions de semi-conducteurs personnalisées qui répondent à leurs exigences et besoins spécifiques.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com