Fabricant | No de pièce | Fiches technique | Description |
Schneider Electric |
SUA1500RM2U
|
88Kb / 3P |
APC Smart-UPS 1500VA USB & Serial RM 2U 120V
|
SRT3000RMXLA
|
72Kb / 3P |
APC Smart-UPS SRT 3000VA RM 120V
Apr 05, 2018 |
SUA3000RMXL3U
|
112Kb / 3P |
APC Smart-UPS XL 3000VA RM 3U 120V
|
SMT3000R2X145
|
77Kb / 3P |
APC Smart UPS 3000VA LCD RM 2U 120V with 12FT CORD
Jul 21, 2021 |
SMT3000RMT2U
|
88Kb / 3P |
APC Smart-UPS 3000VA RM 2U LCD 208V
Sep 17, 2021 |
SMT3000R2X180
|
92Kb / 4P |
APC Smart-Ups 3000VA LCD RM 2U 120V with NMC installed
Jul 21, 2021 |
SU700RM2U
|
59Kb / 2P |
APC Smart-UPS 700VA RM 2U 120V
Sep 3, 2020 |
SURTA3000XL
|
98Kb / 3P |
APC SMART-UPS RT 3000VA 120V
Sep 17, 2021 |
SUA750RMI2U
|
99Kb / 4P |
APC Smart-UPS 750VA USB RM 2U 230V
|
SMT2200R2X180
|
81Kb / 4P |
APC Smart-UPS 2200VA LCD RM 2U 120V with AP9630
Jul 21, 2021 |