Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-4516CB647 Fiches technique (PDF) - NEC

MC-4516CB647 Datasheet PDF - NEC
No de pièce MC-4516CB647
Télécharger  MC-4516CB647 Télécharger

Taille du fichier   210.27 Kbytes
Page   16 Pages
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC
Description 16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-4516CB647 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC-4516CB647 Datasheet PDF - NEC

No de pièce MC-4516CB647
Télécharger  MC-4516CB647 Click to download

Taille du fichier   210.27 Kbytes
Page   16 Pages
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC
Description 16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-4516CB647 Fiches technique (HTML) - NEC

Back Button MC-4516CB647 Datasheet HTML 1Page - NEC MC-4516CB647 Datasheet HTML 2Page - NEC MC-4516CB647 Datasheet HTML 3Page - NEC MC-4516CB647 Datasheet HTML 4Page - NEC MC-4516CB647 Datasheet HTML 5Page - NEC MC-4516CB647 Datasheet HTML 6Page - NEC MC-4516CB647 Datasheet HTML 7Page - NEC MC-4516CB647 Datasheet HTML 8Page - NEC MC-4516CB647 Datasheet HTML 9Page - NEC MC-4516CB647 Datasheet HTML 10Page - NEC Next Button 

MC-4516CB647 Détails du produit

Description

The MC-4516CB647EF and MC-4516CB647PF are 16,777,216 words by 64 bits synchronous dynamic RAM module on which 8 pieces of 128M SDRAM: µPD45128841 are assembled.

This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board.

Decoupling capacitors are mounted on power supply line for noise reduction.



Features

• 16,777,216 words by 64 bits organization

• Clock frequency and access time from CLK

• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge

• Pulsed interface

• Possible to assert random column address in every cycle

• Quad internal banks controlled by BA0 and BA1 (Bank Select)

• Programmable burst-length (1, 2, 4, 8 and full page)

• Programmable wrap sequence (sequential / interleave)

• Programmable /CAS latency (2, 3)

• Automatic precharge and controlled precharge

• CBR (Auto) refresh and self refresh

• All DQs have 10 Ω ±10 % of series resistor

• Single 3.3 V ± 0.3 V power supply

• LVTTL compatible

• 4,096 refresh cycles/64 ms

• Burst termination by Burst Stop command and Precharge command

• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)

• Unbuffered type

• Serial PD



 




Numéro de pièce similaire - MC-4516CB647

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647EF-A75 ELPIDA-MC-4516CB647EF-A75 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647PF-A75 ELPIDA-MC-4516CB647PF-A75 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XF-A75 ELPIDA-MC-4516CB647XF-A75 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Description similaire - MC-4516CB647

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results




À propos de NEC


NEC Corporation est une société japonaise de technologies de l'information et d'électronique. La société a été fondée en 1899 et a son siège à Tokyo, au Japon. NEC fournit une large gamme de produits et services, notamment les technologies de l'information, les télécommunications et l'électronique. Son portefeuille comprend du matériel informatique, des logiciels et des services, des solutions réseau, des solutions d'affichage et des serveurs d'entreprise et des solutions de stockage.

NEC est connue pour son expertise dans le domaine des technologies de l'information et sa capacité à fournir des produits et services innovants et de haute qualité. La société a des opérations et des installations dans divers pays à travers le monde et a une forte présence dans la région Asie-Pacifique. NEC travaille en étroite collaboration avec ses clients pour fournir des solutions personnalisées qui répondent à leurs besoins et besoins spécifiques.

En plus de son cœur de métier, NEC est également actif dans les domaines de la recherche et du développement et est impliqué dans divers projets liés à des technologies avancées telles que l'intelligence artificielle, les réseaux 5G et l'Internet des objets (IoT). NEC s'engage à fournir des solutions durables qui soutiennent le développement de la société et améliorent la qualité de vie des personnes du monde entier.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com