Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EGL34G Fiches technique (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

EGL34G Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
No de pièce EGL34G
Télécharger  EGL34G Télécharger

Taille du fichier   105.49 Kbytes
Page   2 Pages
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Glass Passivated Ultrafast Rectifier

EGL34G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
EGL34G Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce EGL34G
Télécharger  EGL34G Click to download

Taille du fichier   105.49 Kbytes
Page   2 Pages
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Glass Passivated Ultrafast Rectifier

EGL34G Fiches technique (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

EGL34G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd EGL34G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

EGL34G Détails du produit

Reverse Voltage 50 to 400V
Forward Current 0.5A

Features
• Plastic package has Underwriters Laboratories Flammability Classification 94V-0
• Capable of meeting environmental standards of MIL-S-19500
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Fast switching for high efficiency
• High temperature soldering guaranteed: 450°C/5 seconds at terminals. Complete device submersible temperature of 260°C for 10 seconds in solder bath




Numéro de pièce similaire - EGL34G

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
EGL34G GE-EGL34G Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
EGL34G LUGUANG-EGL34G Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Micro Commercial Compon...
EGL34G MCC-EGL34G Datasheet
357Kb / 2P
   0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
EGL34G DIOTEC-EGL34G Datasheet
141Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
EGL34G DIOTEC-EGL34G Datasheet
122Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
More results


Description similaire - EGL34G

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com