Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FU-319SPP-C6 Fiches technique (PDF) - Mitsubishi Electric Semiconductor

FU-319SPP-C6 Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce FU-319SPP-C6
Télécharger  FU-319SPP-C6 Télécharger

Taille du fichier   37.14 Kbytes
Page   3 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description InGaAs PD PREAMP MODULE FOR THE 1.31 mm AND 1.55 mm WAVELENGTH RANGE

FU-319SPP-C6 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FU-319SPP-C6 Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce FU-319SPP-C6
Télécharger  FU-319SPP-C6 Click to download

Taille du fichier   37.14 Kbytes
Page   3 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description InGaAs PD PREAMP MODULE FOR THE 1.31 mm AND 1.55 mm WAVELENGTH RANGE

FU-319SPP-C6 Fiches technique (HTML) - Mitsubishi Electric Semiconductor

FU-319SPP-C6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-319SPP-C6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-319SPP-C6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor

FU-319SPP-C6 Détails du produit

DESCRIPTION
FU-319SPP-C6 is InGaAs pin photodiode module with GaAs preamplifier, designed for use in highspeed, long haul optical communication systems. The coaxial package contains an InGaAs pin photodiode coupled with single-mode fiber pigtail and GaAs preamplifier.

FEATURES
• High-sensitivity (-23dBm typ)
• 5pin coaxial package
• Selectable single power supply voltage (+5V or - 5.2V). (InGaAs pin photodiode and GaAs preamplifier are isolated from the case.)
• GaAs preamplifier with AGC function
• Differential output (50W)

APPLICATION
   2.5Gbps.optical receiver (OC-48, STM-16)
   Extended reach datacom and telecom applications
   Long haul optical communication systems




Numéro de pièce similaire - FU-319SPP-C6

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
FU-319SPP-CV6 MITSUBISHI-FU-319SPP-CV6 Datasheet
38Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
More results


Description similaire - FU-319SPP-C6

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
FU-311SPP-CV4 MITSUBISHI-FU-311SPP-CV4 Datasheet
50Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
FU-311SPP-CV3 MITSUBISHI-FU-311SPP-CV3 Datasheet
49Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
FU-319SPP-CV6 MITSUBISHI-FU-319SPP-CV6 Datasheet
38Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
FU-319SPA-CV6 MITSUBISHI-FU-319SPA-CV6 Datasheet
48Kb / 3P
   InGaAs APD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
FU-319SPA-C6 MITSUBISHI-FU-319SPA-C6 Datasheet
39Kb / 3P
   InGaAs APD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
319SPA-X6M20 MITSUBISHI-319SPA-X6M20 Datasheet
39Kb / 4P
   INGAAS APD PREAMP MODULE FOR THE 1.31 UM AND 1.55 UM WAVELENGTH RANGE
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
logo
Mitsubishi Electric Sem...
FU-39SPD-X2MX MITSUBISHI-FU-39SPD-X2MX Datasheet
100Kb / 5P
   PD MODULE FOR LONG WAVELENGTH BAND
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-15PD-M1 MITSUBISHI-FU-15PD-M1 Datasheet
64Kb / 2P
   PD MODULE FOR LONG WAVELENGTH BAND
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com