Fabricant | No de pièce | Fiches technique | Description |
ON Semiconductor |
NVF3055L108T3G
|
79Kb / 6P |
3.0 A, 60 V, Logic Level, N.Channel SOT??23
July, 2014 ??Rev. 8 |
NGD18N40CLB
|
128Kb / 8P |
Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8 |
NTD20N06L
|
272Kb / 9P |
MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5 |
NTD5805N
|
143Kb / 6P |
Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4 |
NVMFD5873NL
|
127Kb / 6P |
Power MOSFET 60 V, 13 m, 58 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 2 |
NTF3055L175
|
66Kb / 6P |
Power MOSFET 2.0 A, 60 V, Logic Level
February, 2004 ??Rev. 2 |
NTD25P03L
|
234Kb / 9P |
MOSFET – Power, P-Channel, Logic Level, DPAK -25 A, -30 V
May, 2019 - Rev. 5 |
NTD6600N
|
69Kb / 6P |
Power MOSFET 100 V, 12 A, N?묬hannel, Logic Level DPAK
March, 2007 ??Rev. 4 |
NVD5890NL
|
100Kb / 4P |
Power MOSFET 40 V, 3.7 m, 123 A, Single N.Channel DPAK
May, 2012 ??Rev. P0 |
NTMFS5844NL
|
111Kb / 6P |
Power MOSFET 60 V, 61 A, 12 m, Single N.Channel
March, 2013 ??Rev. 4 |