Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJE3055A Fiches technique (PDF) - Nell Semiconductor Co., Ltd

MJE3055A Datasheet PDF - Nell Semiconductor Co., Ltd
No de pièce MJE3055A
Télécharger  MJE3055A Télécharger

Taille du fichier   195.88 Kbytes
Page   3 Pages
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Complementary Silicon power transistors (10A / 60V / 75W)

MJE3055A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MJE3055A Datasheet PDF - Nell Semiconductor Co., Ltd

No de pièce MJE3055A
Télécharger  MJE3055A Click to download

Taille du fichier   195.88 Kbytes
Page   3 Pages
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Complementary Silicon power transistors (10A / 60V / 75W)

MJE3055A Fiches technique (HTML) - Nell Semiconductor Co., Ltd

MJE3055A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MJE3055A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MJE3055A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd

MJE3055A Détails du produit

DESCRIPTION
The MJE3055A is a silicon epitaxial-base planar NPN transistor in TO-220AB package.
lt is intended for use in general-purpose amplifier and switding applications.
The complementary PNP type is MJE2955A.

FEATURES
● Designed for general-purpose switching and amplifier applications.
● DC current gain specified to 10A
● High current gain-Band width product:
   fT = 2 MHz (Min.) @ lC = 0.5 Adc
● Excellent safe operating area




Numéro de pièce similaire - MJE3055A

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
MJE3055AT ISC-MJE3055AT Datasheet
147Kb / 2P
   isc Silicon NPN Power Transistor
More results


Description similaire - MJE3055A

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
   POWER TRANSISTORS(10A,60V,75W)
MJE2801T MOSPEC-MJE2801T Datasheet
119Kb / 2P
   POWER TRANSISTORS(10A,60V,75W)
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com