Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-4R64FKE6D-745 Fiches technique (PDF) - Elpida Memory

MC-4R64FKE6D-745 Datasheet PDF - Elpida Memory
No de pièce MC-4R64FKE6D-745
Télécharger  MC-4R64FKE6D-745 Télécharger

Taille du fichier   135.01 Kbytes
Page   14 Pages
Fabricant  ELPIDA [Elpida Memory]
Site Internet  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)

MC-4R64FKE6D-745 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC-4R64FKE6D-745 Datasheet PDF - Elpida Memory

No de pièce MC-4R64FKE6D-745
Télécharger  MC-4R64FKE6D-745 Click to download

Taille du fichier   135.01 Kbytes
Page   14 Pages
Fabricant  ELPIDA [Elpida Memory]
Site Internet  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)

MC-4R64FKE6D-745 Fiches technique (HTML) - Elpida Memory

Back Button MC-4R64FKE6D-745 Datasheet HTML 1Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 2Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 3Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 4Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 5Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 6Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 7Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 8Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 9Page - Elpida Memory MC-4R64FKE6D-745 Datasheet HTML 10Page - Elpida Memory Next Button 

MC-4R64FKE6D-745 Détails du produit

Description
The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for use in a broad range of applications including computer memory, personal computers, workstations, and other applications where high bandwidth and low latency are required.
MC-4R64FKE6D modules consists of two 288M Direct Rambus DRAM (Direct RDRAM) devices (µPD488588). These are extremely high-speed CMOS DRAMs organized as 16M words by 18 bits. The use of Rambus Signaling Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using conventional system and board design technologies.

Features
• 184 edge connector pads with 1mm pad spacing
• 64 MB Direct RDRAM storage
• Each RDRAM® has 32 banks, for 64 banks total on module
• Gold plated contacts
• RDRAMs use Chip Scale Package (CSP)
• Serial Presence Detect support
• Operates from a 2.5 V supply
• Powerdown self refresh modes
• Separate Row and Column buses for higher efficiency
• Over Drive Factor (ODF) support




Numéro de pièce similaire - MC-4R64FKE6D-745

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
More results


Description similaire - MC-4R64FKE6D-745

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
MC-4R64CEE6B NEC-MC-4R64CEE6B Datasheet
126Kb / 16P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64CPE6C ELPIDA-MC-4R64CPE6C Datasheet
173Kb / 16P
   Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R64FKE8D ELPIDA-MC-4R64FKE8D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com