Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELH0033G Fiches technique (PDF) - Elantec Semiconductor

ELH0033G Datasheet PDF - Elantec Semiconductor
No de pièce ELH0033G
Télécharger  ELH0033G Télécharger

Taille du fichier   242.87 Kbytes
Page   12 Pages
Fabricant  ELANTEC [Elantec Semiconductor]
Site Internet  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Fast Buffer Amplifier

ELH0033G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ELH0033G Datasheet PDF - Elantec Semiconductor

No de pièce ELH0033G
Télécharger  ELH0033G Click to download

Taille du fichier   242.87 Kbytes
Page   12 Pages
Fabricant  ELANTEC [Elantec Semiconductor]
Site Internet  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Fast Buffer Amplifier

ELH0033G Fiches technique (HTML) - Elantec Semiconductor

Back Button ELH0033G Datasheet HTML 1Page - Elantec Semiconductor ELH0033G Datasheet HTML 2Page - Elantec Semiconductor ELH0033G Datasheet HTML 3Page - Elantec Semiconductor ELH0033G Datasheet HTML 4Page - Elantec Semiconductor ELH0033G Datasheet HTML 5Page - Elantec Semiconductor ELH0033G Datasheet HTML 6Page - Elantec Semiconductor ELH0033G Datasheet HTML 7Page - Elantec Semiconductor ELH0033G Datasheet HTML 8Page - Elantec Semiconductor ELH0033G Datasheet HTML 9Page - Elantec Semiconductor ELH0033G Datasheet HTML 10Page - Elantec Semiconductor Next Button 

ELH0033G Détails du produit

General Description
The ELH0033 is a high-speed, FET input voltage follower buffer designed to provide high output currents from DC to over 100 MHz. The ELH0033 slews at 1500 V/ms and will drive 100X loads. Phase linearity is excellent to 20 MHz, allowing the buffer to be included in op amp loops.

Features
• Slew rate—1500 V/ms
• Output drive—100 mA
• Rise and fall times—2.9 ns
• Input resistance—1011X
• Power bandwidth—100 MHz
• MIL-STD-883 devices 100% manufactured in U.S.A.

Advantages
• Excellent phase linearity
• Driver cables and other capacitive loads
• Wide supply range, single or split




Numéro de pièce similaire - ELH0033G

FabricantNo de pièceFiches techniqueDescription
logo
Elantec Semiconductor
ELH0032G ELANTEC-ELH0032G Datasheet
253Kb / 12P
   Fast Operational Amplifier
ELH0032G/883B ELANTEC-ELH0032G/883B Datasheet
253Kb / 12P
   Fast Operational Amplifier
More results


Description similaire - ELH0033G

FabricantNo de pièceFiches techniqueDescription
logo
Calogic, LLC
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
   Fast Buffer
LH0033 CALOGIC-LH0033 Datasheet
92Kb / 9P
   Fast Buffer
logo
National Semiconductor ...
LH4008 NSC-LH4008 Datasheet
219Kb / 7P
   Fast Buffer
LH4009 NSC-LH4009 Datasheet
193Kb / 7P
   FAST BUFFER
logo
Calogic, LLC
LH0033 CALOGIC-LH0033_15 Datasheet
84Kb / 9P
   Fast Buffer
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD_15 Datasheet
1Mb / 12P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD Datasheet
1Mb / 14P
   Buffer Amplifier
XB1004-BD MA-COM-XB1004-BD Datasheet
1Mb / 12P
   Buffer Amplifier
XB1007-BD MA-COM-XB1007-BD Datasheet
901Kb / 11P
   Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD Datasheet
676Kb / 7P
   Buffer Amplifier
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com