Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MASW-001150-13160-V5 Fiches technique (PDF) - M/A-COM Technology Solutions, Inc.

MASW-001150-13160-V5 Datasheet PDF - M/A-COM Technology Solutions, Inc.
No de pièce MASW-001150-13160-V5
Télécharger  MASW-001150-13160-V5 Télécharger

Taille du fichier   208.09 Kbytes
Page   9 Pages
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SURMOUNT PIN Diode Switch Element

MASW-001150-13160-V5 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MASW-001150-13160-V5 Datasheet PDF - M/A-COM Technology Solutions, Inc.

No de pièce MASW-001150-13160-V5
Télécharger  MASW-001150-13160-V5 Click to download

Taille du fichier   208.09 Kbytes
Page   9 Pages
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SURMOUNT PIN Diode Switch Element

MASW-001150-13160-V5 Fiches technique (HTML) - M/A-COM Technology Solutions, Inc.

MASW-001150-13160-V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-001150-13160-V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-001150-13160-V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-001150-13160-V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-001150-13160-V5 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-001150-13160-V5 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-001150-13160-V5 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-001150-13160-V5 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-001150-13160-V5 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.

MASW-001150-13160-V5 Détails du produit

Description
A PIN diode series-shunt switch element with a unique integrated thermal terminal for dissipating heat in the series diode created by the DC and RF input power. The thermal terminal allows for optimum heat dissipation by providing a direct thermal connection between the series diode and the circuit heatsink while also being electrically isolated. The chip is designed to provide a heat transfer conduit that does not interfere with the PIN diode anode (input) and cathode (output) electrical terminals, especially with respect to RF performance. The chip is fabricated using M/A-COM Technology Solutions patented HMIC™ process and features silicon pedestals embedded in a low loss, low dispersion glass for low leakage current. The topside is fully encapsulated with silicon nitride and has an additional polymer layer to protect against damage during handling and assembly.

Features
• Specified Bandwidth: 45MHz—2.5GHz
• Useable 30MHz to 3.0GHz
• Low Loss <0.5dB
• High isolation >40dB
• High C.W. Incident Power, 50W at 500MHz
• High Input IP3, +66dBm @ 500MHz
• Unique Thermal Terminal for Series Diode
• Surface Mount Device (No Wire Bonds)
• Rugged Silicon-Glass Construction
• Silicon Nitride Passivation Protective Polymer
• Protective Polymer Scratch Protection
• RoHS Compliant




Numéro de pièce similaire - MASW-001150-13160-V5

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MASW-001150-13160 MA-COM-MASW-001150-13160 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150-13160P MA-COM-MASW-001150-13160P Datasheet
222Kb / 9P
   SURMOUNT PIN Diode Switch Element with Thermal Terminal
MASW-001150-13160W MA-COM-MASW-001150-13160W Datasheet
222Kb / 9P
   SURMOUNT PIN Diode Switch Element with Thermal Terminal
MASW-001150-13160_V5 MA-COM-MASW-001150-13160_V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
More results


Description similaire - MASW-001150-13160-V5

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MASW-001150 MA-COM-MASW-001150_15 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150-13160_V5 MA-COM-MASW-001150-13160_V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150-1316 MA-COM-MASW-001150-1316 Datasheet
222Kb / 9P
   SURMOUNT PIN Diode Switch Element with Thermal Terminal
MA4SPS502 MA-COM-MA4SPS502_15 Datasheet
152Kb / 4P
   SURMOUNT PIN Diode
MASW-011021 MA-COM-MASW-011021_15 Datasheet
715Kb / 6P
   SURMOUNT Silicon PIN Diode SPDT Switch
MEST2G-150-10-CM30 MA-COM-MEST2G-150-10-CM30 Datasheet
850Kb / 5P
   Pin Diode Switch Element
MEST2G-150-10-CM32 MA-COM-MEST2G-150-10-CM32 Datasheet
847Kb / 5P
   Pin Diode Switch Element
MEST2G-020-15 MA-COM-MEST2G-020-15 Datasheet
835Kb / 5P
   Pin Diode Switch Element
MEST2G-050-45 MA-COM-MEST2G-050-45 Datasheet
904Kb / 5P
   Pin Diode Switch Element
MEST2G-160-10-CM33 MA-COM-MEST2G-160-10-CM33 Datasheet
958Kb / 7P
   Pin Diode Switch Element
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com