Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA358DTF Fiches technique (PDF) - Fairchild Semiconductor

KA358DTF Datasheet PDF - Fairchild Semiconductor
No de pièce KA358DTF
Télécharger  KA358DTF Télécharger

Taille du fichier   161.07 Kbytes
Page   11 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Operational Amplifier

KA358DTF Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
KA358DTF Datasheet PDF - Fairchild Semiconductor

No de pièce KA358DTF
Télécharger  KA358DTF Click to download

Taille du fichier   161.07 Kbytes
Page   11 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Operational Amplifier

KA358DTF Fiches technique (HTML) - Fairchild Semiconductor

Back Button KA358DTF Datasheet HTML 1Page - Fairchild Semiconductor KA358DTF Datasheet HTML 2Page - Fairchild Semiconductor KA358DTF Datasheet HTML 3Page - Fairchild Semiconductor KA358DTF Datasheet HTML 4Page - Fairchild Semiconductor KA358DTF Datasheet HTML 5Page - Fairchild Semiconductor KA358DTF Datasheet HTML 6Page - Fairchild Semiconductor KA358DTF Datasheet HTML 7Page - Fairchild Semiconductor KA358DTF Datasheet HTML 8Page - Fairchild Semiconductor KA358DTF Datasheet HTML 9Page - Fairchild Semiconductor KA358DTF Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA358DTF Détails du produit

Description

The KA258 series consist of two independent, high gain, internally frequency compensated operational amplifiers which were designed specifically to operate from a single power supply over a wide range of voltage. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. Application areas include transducer amplifier, DC gain blocks and all the conventional OP-AMP

circuits which now can be easily implemented in single power supply systems.



Features

• Internally Frequency Compensated for Unity Gain

• Large DC Voltage Gain: 100dB

• Wide Power Supply Range:

   KA258/KA258A, KA358/KA358A: 3V ~ 32V (or ±1.5V~ 16V)

   KA2904 : 3V~26V (or ±1.5V ~ 13V)

• Input Common Mode Voltage Range Includes Ground

• Large Output Voltage Swing: 0V DC to Vcc - 1.5V DC

• Power Drain Suitable for Battery Operation.




Numéro de pièce similaire - KA358DTF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA358D FAIRCHILD-KA358D Datasheet
148Kb / 12P
   Dual Operational Amplifier
logo
ON Semiconductor
KA358D ONSEMI-KA358D Datasheet
250Kb / 13P
   Dual Operat ional Amplifier
10/14/11 Rev. 1.0.4
More results


Description similaire - KA358DTF

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com