Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3224W-1-105E Fiches technique (PDF) - Bourns Electronic Solutions

3224W-1-105E Datasheet PDF - Bourns Electronic Solutions
No de pièce 3224W-1-105E
Télécharger  3224W-1-105E Télécharger

Taille du fichier   237.19 Kbytes
Page   2 Pages
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3224 - 4 mm SMD Trimpot Trimming Potentiometer

3224W-1-105E Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
3224W-1-105E Datasheet PDF - Bourns Electronic Solutions

No de pièce 3224W-1-105E
Télécharger  3224W-1-105E Click to download

Taille du fichier   237.19 Kbytes
Page   2 Pages
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3224 - 4 mm SMD Trimpot Trimming Potentiometer

3224W-1-105E Fiches technique (HTML) - Bourns Electronic Solutions

3224W-1-105E Datasheet HTML 1Page - Bourns Electronic Solutions 3224W-1-105E Datasheet HTML 2Page - Bourns Electronic Solutions



Numéro de pièce similaire - 3224W-1-105E

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
3224W-1-105E BOURNS-3224W-1-105E Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
3224W-1-105E BOURNS-3224W-1-105E Datasheet
562Kb / 4P
   3224 - 4 mm SMD Trimpot® Trimming Potentiometer
More results


Description similaire - 3224W-1-105E

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
3224-J-1-502E BOURNS-3224-J-1-502E Datasheet
237Kb / 2P
   3224 4 mm SMD Trimpot Trimming Potentiometer
3224J-1-502E BOURNS-3224J-1-502E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224W-1-501E BOURNS-3224W-1-501E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224G-1-101E BOURNS-3224G-1-101E Datasheet
239Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224X-2-503E BOURNS-3224X-2-503E Datasheet
239Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224-776900 BOURNS-3224-776900 Datasheet
562Kb / 4P
   3224 - 4 mm SMD Trimpot® Trimming Potentiometer
3224J-1-104E BOURNS-3224J-1-104E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
3224W-1-103E BOURNS-3224W-1-103E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
3224X-1-102E BOURNS-3224X-1-102E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
3224W-1-204E BOURNS-3224W-1-204E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
More results




À propos de Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com